Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5K3 Datasheet(PDF) 22 Page - Sharp Corporation

Part # SM5K3
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K3 Datasheet(HTML) 22 Page - Sharp Corporation

Back Button SM5K3 Datasheet HTML 18Page - Sharp Corporation SM5K3 Datasheet HTML 19Page - Sharp Corporation SM5K3 Datasheet HTML 20Page - Sharp Corporation SM5K3 Datasheet HTML 21Page - Sharp Corporation SM5K3 Datasheet HTML 22Page - Sharp Corporation SM5K3 Datasheet HTML 23Page - Sharp Corporation SM5K3 Datasheet HTML 24Page - Sharp Corporation SM5K3 Datasheet HTML 25Page - Sharp Corporation SM5K3 Datasheet HTML 26Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
SM5K3/SM5K4/SM5K5
- 22 -
• Divider
The divider consists of 15 divided-by-two dividers,
providing 2 (fSYS/27, fSYS/215) of 4 count clocks that
are fed to the counter RA from the system clock.
Its configuration is shown below. The divider can
be cleared by using the DR instruction.
• Oscillator mask option
Selection of type of oscillator, ceramic or crystal, is
made by mask option.
System clock
(fSYS)
Main clock
(fOSC)
OSCIN
OSCOUT
CG
( System clock )
11
1111
11
1
1
111
1
1
2222
222
22
2
222
2
2
Divider (can be cleared by DR instruction)
System clock generator (divided-by-two main clock)
fSYS
fSYS/2
7
fSYS/2
15
Fig. 12
Main Clock and System Clock
Fig. 13
System Clock Generator and Divider
System Clock Generator and Dividers
• System clock generator
The system clock is the divided-by-two main clock
applied through OSCIN and OSCOUT (See Fig. 12).
The system clock generator is shown in Fig. 13.
One system clock cycle period is equal to one
instruction execution time when the instruction
consists of 1 word. When the ceramic oscillator
runs at 400 kHz, the system clock fsys is 200 kHz.
This means that the instruction execution time is 5
µs/word. Using a 32.768 kHz crystal oscillator
generates 16.384 kHz fsys and the instruction
execution time is 61 µs/word. The system clock
can be used as count input pulse to the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com