Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5K3 Datasheet(PDF) 15 Page - Sharp Corporation

Part # SM5K3
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K3 Datasheet(HTML) 15 Page - Sharp Corporation

Back Button SM5K3 Datasheet HTML 11Page - Sharp Corporation SM5K3 Datasheet HTML 12Page - Sharp Corporation SM5K3 Datasheet HTML 13Page - Sharp Corporation SM5K3 Datasheet HTML 14Page - Sharp Corporation SM5K3 Datasheet HTML 15Page - Sharp Corporation SM5K3 Datasheet HTML 16Page - Sharp Corporation SM5K3 Datasheet HTML 17Page - Sharp Corporation SM5K3 Datasheet HTML 18Page - Sharp Corporation SM5K3 Datasheet HTML 19Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
SM5K3/SM5K4/SM5K5
- 15 -
• Blocks stopped during standby mode
In the halt mode
The system clock generating circuit stops during
the halt mode, deactivating all the blocks driven by
the system clock. The main clock and dividers
remain active. This means that timers can be used
while in the halt mode. Both internal and external
clocks can be used as the count clock.
In the stop mode
The main clock and system clock stop upon
entering the stop mode. Therefore, only timers
using the external clock remain active.
• Counters that the system retains during
standby mode
The contents that will be retained in the halt mode
will also be retained in the stop mode. These items
are shown in Table 3.
Operation mode
Standby mode
HALT mode
Run HALT command
HALT mode
release event
Normal
operation
Run STOP command
STOP mode
release event
STOP mode
Fig. 8
Operation Shift of Program
Table 3
System Contents Secured During Standby Mode
FLAG
REGISTER
OUTPUT LATCH REGISTER/MODE REGISTER
OTHER
IFA flag
IFB flag
IFT flag
IME flag
C
flag
A register
X register
BM, BL register
SP
SR
P0, P2, R3, P5
R8, R9, RA, RB
RC, RE, RF
RAM
• Releasing events of standby mode (6-type)
RELEASING EVENT
FLAG
INT/EXT
MASKABLE / NONMASKABLE
PRIORITY
Reset input
–
External
Nonmaskable
–
Low level input on P10 pin
IFA
External
Maskable
1
Low level input on P11 pin
IFB
External
Maskable
2
Low level input on P12 pin
–
External
Nonmaskable
–
Low level input on P13 pin
–
External
Nonmaskable
–
Timer overflow
IFT
Internal
Maskable
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com