Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5K3 Datasheet(PDF) 7 Page - Sharp Corporation

Part # SM5K3
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K3 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button SM5K3 Datasheet HTML 3Page - Sharp Corporation SM5K3 Datasheet HTML 4Page - Sharp Corporation SM5K3 Datasheet HTML 5Page - Sharp Corporation SM5K3 Datasheet HTML 6Page - Sharp Corporation SM5K3 Datasheet HTML 7Page - Sharp Corporation SM5K3 Datasheet HTML 8Page - Sharp Corporation SM5K3 Datasheet HTML 9Page - Sharp Corporation SM5K3 Datasheet HTML 10Page - Sharp Corporation SM5K3 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
- 7 -
Resolution
10
Differential
fOSC = 1.0 MHz
VDD = VR = 5.0 V
± 2.5
± 4.0
linearity error TOPR = 25°C
Sequential
fOSC = 1 MHz
VDD = VR = 5.0 V
± 3.2
± 5.0
linearity error TOPR = 25°C
fOSC = 1 MHz
Total error
VDD = VR = 5.0 V
± 4.0
± 6.0
TOPR = 25°C
VIH1
0.8 x
VDD
VDD
VIL1
0
0.2 x
VDD
VIH2
0.9 x
VDD
VDD
VIL2
0
0.1 x VDD
VDD = 2.7 to 3.3 V
1.0
25
90
IIL1
VIN = 0 V
VDD = 4.5 to 5.5 V
15
70
250
IIH1
VIN = VDD
3.0
IIL2
VIN = 0 V
1.0
10
IIH2
VIN = VDD
1.0
10
VDD = 2.7 to 3.3 V
315
IOL1
VO = 1.0 V
VDD = 4.5 to 5.5 V
12
25
VDD = 2.7 to 3.3 V
0.2
1.5
IOH1
VO = VDD – 0.5 V
VDD = 4.5 to 5.5 V
0.8
2.2
IOL2
VO = 1.5 V
VDD = 4.5 to 5.5 V
4.0
9.0
VDD = 2.7 to 3.3 V
0.2
2.0
IOH2
VO = VDD – 0.5 V
VDD = 4.5 to 5.5 V
0.8
2.4
IOH3
VOH = VDD – 1.0 V
VDD = 4.5 to 5.5 V
0.5
fOSC = 2.0 MHz
VDD = 4.5 to 5.5 V
1 200
2 800
IDD
VDD = 2.7 to 3.3 V
300
900
fOSC = 1.0 MHz
VDD = 4.5 to 5.5 V
600
1 400
fOSC = 2.0 MHz
VDD = 4.5 to 5.5 V
760
1 700
IHLT
fOSC = 1.0 MHz
VDD = 4.5 to 5.5 V
400
1 000
ISTOP
VDD = 2.7 to 5.5 V
5
A/D conversion
VDD = 2.7 to 3.3 V
130
350
IVR
in operation
VDD = 4.5 to 5.5 V
220
500
A/D conversion in stop
VDD = 2.7 to 5.5 V
3
• SM5K4
(TOPR = –20 to +85°C, TYP. value : VDD = 5.0 or 3.0 V, Unless otherwise noted.)
SM5K3/SM5K4/SM5K5
PARAMETER SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT NOTE
Input voltage
V
1
V
2
Input current
µA
3
µA
4
Output current
mA
5
mA
6
mA
7
Supply current
µA
8
µA
9
µA
10
A/D
conversion
Reference
clock oscillator
frequency
bit
LSB
MHz
NOTES :
1. Applicable pins : P12, P13, P20-P23, P30-P33 (digital input
mode), P40-P43, P50-P53
∗1
2. Applicable pins : OSCIN, RESET, P10, P11
3. Applicable pins : RESET, P10-P13, P20-P23, P40-P43,
P50-P53 (digital input mode)
∗1
4. Applicable pins : P30-P33 (analog input mode)
5. Applicable pins : P00-P03 (high current output)
6. Applicable pins : P20-P23, P40-P43, P50-P53 (output mode)
∗1
7. Applicable pins : P30-P33
∗2
8. No load (A/D conversion in stop)
9. A/D conversion in operation (A/D conversion enable)
10. A/D conversion in stop (A/D conversion disable)
∗1 In case of 32-pin SOP and 36-pin QFP.
(In case of 30-pin SDIP, P52 pin dose not exist. In case of
24-pin SSOP, P12, P13, P33, P50-P53 pins do not exist.)
∗2 P3 ports are normally used for input port with pull-up
resistor. These ports can be also used as a suspected
case of output port.
fOSC
VDD = 4.5 to 5.5 V, Rf = 33 k
Ω
1.34
1.67
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com