Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5K3 Datasheet(PDF) 4 Page - Sharp Corporation

Part # SM5K3
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K3 Datasheet(HTML) 4 Page - Sharp Corporation

  SM5K3 Datasheet HTML 1Page - Sharp Corporation SM5K3 Datasheet HTML 2Page - Sharp Corporation SM5K3 Datasheet HTML 3Page - Sharp Corporation SM5K3 Datasheet HTML 4Page - Sharp Corporation SM5K3 Datasheet HTML 5Page - Sharp Corporation SM5K3 Datasheet HTML 6Page - Sharp Corporation SM5K3 Datasheet HTML 7Page - Sharp Corporation SM5K3 Datasheet HTML 8Page - Sharp Corporation SM5K3 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
- 4 -
PARAMETER
SM5K3/SM5K4/SM5K5
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
SYMBOL
I/O
FUNCTION
P00-P03
O
High current output (sink current 15 mA)
P10-P11
I
Input (standby release) (counter input : P11) with pull-up resistor
P12-P13
I
Input (standby release) with pull-up resistor
P20-P23
I/O
Input (with pull-up resistor) or output (independent)
P30-P33
I
Input (also used as analog input) with pull-up resistor
P40-P43, P50-P53
I/O
Input (with pull-up resistor) and output
OSCIN, OSCOUT
I/O
Ceramic/crystal oscillation pin (SM5K3/5K5)/CR oscillation pin (SM5K4)
RESET
I
Reset signal input with pull-up resistor
VR, AGND
I
A/D converter reference supply input port
VDD, GND
I
Power supply, Ground
SYMBOL
CONDITIONS
RATING
UNIT
Supply voltage
VDD
–0.3 to +7.0
V
Input voltage
VI
–0.3 to VDD+0.3
V
Output voltage
VO
–0.3 to VDD+0.3
V
Maximum output current
IOH
High-level output current (all outputs)
4
mA
IOL0
Low-level output current (P00-P03)
30
mA
IOL1
Low-level output current (all but P00-P03)
4
mA
Total output current
∑IOH
High-level output current (all outputs)
20
mA
∑IOL
Low-level output current (all outputs)
80
mA
TOPR
–20 to +70 (SM5K3/5K5)
–20 to +85 (SM5K4)
°C
Storage temperature
TSTG
–55 to +150
°C
Operating temperature
NOTE :
Symbols apply to 32-pin SOP and 36-pin QFP. (In case of 30-pin SDIP, P52 does not exist. In case of 28-pin SOP, P50-P53 do not exist.
In case of 24-pin SSOP, P12, P13, P33, P50-P53 pins do not exist.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com