Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5K3 Datasheet(PDF) 6 Page - Sharp Corporation

Part # SM5K3
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K3 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button SM5K3 Datasheet HTML 2Page - Sharp Corporation SM5K3 Datasheet HTML 3Page - Sharp Corporation SM5K3 Datasheet HTML 4Page - Sharp Corporation SM5K3 Datasheet HTML 5Page - Sharp Corporation SM5K3 Datasheet HTML 6Page - Sharp Corporation SM5K3 Datasheet HTML 7Page - Sharp Corporation SM5K3 Datasheet HTML 8Page - Sharp Corporation SM5K3 Datasheet HTML 9Page - Sharp Corporation SM5K3 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
- 6 -
NOTES :
1. Applicable pins : P12, P13, P20-P23, P30-P33 (digital input
mode), P40-P43 P50-P53
2. Applicable pins : OSCIN, RESET, P10, P11
3. Applicable pins : RESET, P10-P13, P20-P23, P40-P43,
P50-P53 (digital input mode)
4. Applicable pins : P30-P33 (analog input mode)
5. Applicable pins : P00-P03 (high current mode)
6. Applicable pins : P20-P23, P40-P43, P50-P53 (output mode)
∗1
7. Applicable pins : P30-P33
∗2
8. No load (A/D conversion is stop.)
9. A/D conversion in operation (operation enable)
10. A/D conversion in stop (operation disable)
∗1 In case of 32-pin SOP and 36-pin QFP.
(In case of 30-pin SDIP, P52 dose not exist. In case of
28-pin SOP, P50-P53 do not exist.)
∗2 P3 ports are normally used for input ports with pull-up
resistor. These ports can be also used.
SM5K3/SM5K4/SM5K5
VIH1
0.8 x VDD
VDD
V1
VIL1
0
0.2 x VDD
VIH2
0.9 x VDD
VDD
V2
VIL2
0
0.1 x VDD
VDD = 2.2 to 3.3 V
2
25
90
IIL1
VIN = 0 V
VDD = 4.5 to 5.5 V
25
70
250
µA
3
IIH1
VIN = VDD
2
IIL2
VIN = 0 V
1.0
10
µA
4
IIH2
VIN = VDD
1.0
10
VDD = 2.2 to 3.3 V
5
15
IOL1
VO = 1.0 V
VDD = 4.5 to 5.5 V
15
25
mA
5
VDD = 2.2 to 3.3 V
0.3
1.5
IOH1
VO = VDD – 0.5 V
VDD = 4.5 to 5.5 V
1.0
2.2
VDD = 2.2 to 3.3 V
1.2
5.0
IOL2
VO = 1.5 V
VDD = 4.5 to 5.5 V
5
9.0
mA
6
VDD = 2.2 to 3.3 V
0.3
2.0
IOH2
VO = VDD – 0.5 V
VDD = 4.5 to 5.5 V
1.0
2.4
VDD = 2.2 to 3.3 V
0.15
IOH3
VOH = VDD – 1.0 V
mA
7
VDD = 4.5 to 5.5 V
0.5
fOSC = 2 MHZ
VDD = 4.5 to 5.5 V
1 200
2 500
VDD = 2.2 to 3.3 V
300
800
fOSC = 1 MHz
IDD
VDD = 4.5 to 5.5 V
600
1 200
fOSC = 32.768 kHz
VDD = 2.2 to 3.3 V
20
120
(Crystal OSC mode)
fOSC = 2 MHz
VDD = 4.5 to 5.5 V
760
1 500
VDD = 2.2 to 3.3 V
200
600
µA
8
fOSC = 1 MHz
IHLT
VDD = 4.5 to 5.5 V
400
900
fOSC = 32.768 kHz
VDD = 2.2 to 3.3 V
20
75
(Crystal OSC mode)
Ceramic OSC mode VDD = 2.2 to 3.3 V
2
ISTOP
fOSC = 32.768 MHz
VDD = 2.2 to 3.3 V
15
40
(Crystal OSC mode)
A/D in operation
VDD = 4.5 to 5.5 V
220
450
µA
9
IVR
A/D in stop
VDD = 4.5 to 5.5 V
2
µA
10
Resolution
10
bit
Differential
fOSC = 1 MHz
VDD = VR = 5.0 V
± 2.5
± 4.0
linearity error TOPR = 25°C
Sequential
fOSC = 1 MHz
VDD = VR = 5.0 V
± 3.2
± 5.0
LSB
linearity error TOPR = 25°C
fOSC = 1 MHz
Total error
VDD = VR = 5.0 V
± 4.0
± 6.0
TOPR = 25°C
A/D
conversion
Input voltage
Input current
Output current
Supply cerrent
DC CHARACTERISTICS
• SM5K3
(TOPR = –20 to +70°C, TYP. value : VDD = 5.0 or 3.0 V, Unless otherwise noted.)
PARAMETER SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT NOTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com