Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5K3 Datasheet(PDF) 24 Page - Sharp Corporation

Part # SM5K3
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K3 Datasheet(HTML) 24 Page - Sharp Corporation

Back Button SM5K3 Datasheet HTML 20Page - Sharp Corporation SM5K3 Datasheet HTML 21Page - Sharp Corporation SM5K3 Datasheet HTML 22Page - Sharp Corporation SM5K3 Datasheet HTML 23Page - Sharp Corporation SM5K3 Datasheet HTML 24Page - Sharp Corporation SM5K3 Datasheet HTML 25Page - Sharp Corporation SM5K3 Datasheet HTML 26Page - Sharp Corporation SM5K3 Datasheet HTML 27Page - Sharp Corporation SM5K3 Datasheet HTML 28Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
- 24 -
SM5K3/SM5K4/SM5K5
MNEMONIC
ADX x
ADD
7A
A
←A+M
ADC
7B
A
←A+M+C, C←CY
Skip the next step, if CY = 1
COMA
79
A
←A–
INCB
78
BL
←BL+1, Skip the next
step, if result of BL = 0
DECB
7C
BL
←BL–1, Skip the next
step, if result of BL = FH
Test Instructions
TAM
6F
Skip the next step, if A = M
TC
6E
Skip the next step, if C = 1
TM x
48 to 4B
Skip the next step, if Mi = 1,
(i = 3 to 0)
TABL
6B
Skip the next step, if A = BL
TPB x
4C to 4F
Skip the next step, if P (R)
i = 1, (i = I1, I0)
TA
6C
Skip the next step, if IFA = 1
IFA
←0
TB
6D
Skip the next step, if IFB = 1
IFB
←0
TT
69
02
Skip the next step, if IFT = 1
IFT
←0
Bit Operation Instructions
SM x
44 to 47
Mi
←1 (i = 3 to 0)
RM x
40 to 43
Mi
←0 (i = 3 to 0)
SC
61
C
←1
RC
60
C
←0
IE
63
IME
←1 (Interrupt enable)
ID
62
IME
←0 (Interrupt disable)
A
←A+x (I3-I0)
Skip the next step, if CY = 1
00 to 0F
Arithmetic Instructions
OPERATION
MACHINE CODE
MNEMONIC
MACHINE CODE
OPERATION
I/O Instructions
INL
70
A
←P1
OUTL
71
P0
←A
ANP
72
Pj
←Pj
∩ A ( j = 0, 2, 4, 5)
ORP
73
Pj
←Pj
∪ A ( j = 0, 2, 4, 5)
IN
74
A
←Pj ( j = 1, 2, 3, 4, 5)
X-reg, A
←Rj ( j = 8, 9, A, B)
A
←Rj ( j = C, E, F)
OUT
75
Pj
←A ( j = 0, 2, 4, 5)
Rj
←X-reg, A ( j = 8, 9, B)
RA
←RB
Rj
←A ( j = 3, C, E, F)
Table Search Instruction
PAT
6A
Push
PU
←04H, PL←(X1, X0, A)
X-reg
←ROMH, A←ROML
Pop
Divider Operation Instruction
DR
69
03
Divider (f0-f15) clear
Special Instructions
STOP
76
Standby mode (STOP)
HALT
77
Standby mode (HALT)
NOP
00
No operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com