Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5K3 Datasheet(PDF) 20 Page - Sharp Corporation

Part # SM5K3
Description  4-Bit Single-Chip Microcomputers(Controllers With 10-Bit A/D Converter)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM5K3 Datasheet(HTML) 20 Page - Sharp Corporation

Back Button SM5K3 Datasheet HTML 16Page - Sharp Corporation SM5K3 Datasheet HTML 17Page - Sharp Corporation SM5K3 Datasheet HTML 18Page - Sharp Corporation SM5K3 Datasheet HTML 19Page - Sharp Corporation SM5K3 Datasheet HTML 20Page - Sharp Corporation SM5K3 Datasheet HTML 21Page - Sharp Corporation SM5K3 Datasheet HTML 22Page - Sharp Corporation SM5K3 Datasheet HTML 23Page - Sharp Corporation SM5K3 Datasheet HTML 24Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
SM5K3/SM5K4/SM5K5
- 20 -
RA (Count register)
Bit 7
0
Bit i (i = 7 to 0)
Count clock input register
• Uses as counter part of timer/counter (count
clock input).
• Loads the content of RB to RA when the RA
overflows or when OUT command (BL = 0AH)
is executed.
RA
←RB
• Loads the content of RA to X and A registers
upon execution of IN command (BL = 0AH).
(X, A)
←RA
• Bit 7 = MSB, bit 0 = LSB
RB (Modulo register)
Bit 7
0
Bit i (i = 7 to 0)
Count initial value storage register
• Uses as modulo register of timer/counter
• Loads the content of RB to X and A registers
upon execution of
IN command (BL = 0BH) : X = upper bits,
A = lower bits.
(X, A)
←RB
• Loads the contents of X and A registers to RB
upon execution of
OUT command (BL = 0BH) : X = upper bits,
A = lower bits.
RB
←(X, A)
• Bit 7 : MSB, Bit 0 : LSB
RC (Timer control)
Bit 3
0
Bit 3
Starts up count of the timer.
0 | Stop
1 | Start
Bit 2 (Unused)
Bits 1 to 0
Select the source clock to the timer.
00 | fSYS (system clock)
01 | fSYS/27
10 | fSYS/215
11 | Falling edge input on P11 pin
RE (Interrupt mask flag)
Bit 3
0
Bit 3 (Unused)
Bit 2
Removes overflow interrupt from timer or standby
condition.
0 | Disable
1 | Enable
Bit 1
Interrupts on the falling edge of input from P11 pin,
or releases of standby mode by the Low input from
P11 pin.
0 | Disable
1 | Enable
Bit 0
Interrupts on the falling edge of input on P10 pin, or
releases of standby mode by the Low input from
P10 pin.
0 | Disable
1 | Enable
RF (P2 port direction register)
Bit 3
0
Bit i (i = 3 to 0)
Selection of input pin/output pin
0 | Set P2i pin to input.
1 | Set P2i pin to output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com