Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 101Page - STMicroelectronics STM32F405RG Datasheet HTML 102Page - STMicroelectronics STM32F405RG Datasheet HTML 103Page - STMicroelectronics STM32F405RG Datasheet HTML 104Page - STMicroelectronics STM32F405RG Datasheet HTML 105Page - STMicroelectronics STM32F405RG Datasheet HTML 106Page - STMicroelectronics STM32F405RG Datasheet HTML 107Page - STMicroelectronics STM32F405RG Datasheet HTML 108Page - STMicroelectronics STM32F405RG Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
105/154
Ethernet characteristics
Table 60 shows the Ethernet operating voltage.
Table 61 gives the list of Ethernet MAC signals for the SMI (station management interface)
and Figure 38 shows the corresponding timing diagram.
Figure 38.
Ethernet SMI timing diagram
Table 59.
ULPI timing
Parameter
Symbol
Value(1)
1.
VDD = 2.7 V to 3.6 V and TA = –40 to 85 °C.
Unit
Min.
Max.
Output clock
Setup time (control in)
tSC, tSD
-6.0
ns
Hold time (control in)
tHC, tHD
0.0
-
ns
Output delay (control out)
tDC, tDD
-9.0
ns
Input clock
(optional)
Setup time (control in)
tSC, tSD
-3.0
ns
Hold time (control in)
tHC, tHD
1.5
-
ns
Output delay (control out)
tDC, tDD
-6.0
ns
Table 60.
Ethernet DC electrical characteristics
Symbol
Parameter
Min.(1)
1.
All the voltages are measured from the local ground potential.
Max.(1)
Unit
Input level
VDD
Ethernet operating voltage
2.7
3.6
V
Table 61.
Dynamics characteristics: Ethernet MAC signals for SMI(1)
1.
TBD stands for “to be defined”.
Symbol
Rating
Min
Typ
Max
Unit
tMDC
MDC cycle time (1.71 MHz, AHB = 72 MHz)
TBD
TBD
TBD
ns
td(MDIO)
MDIO write data valid time
TBD
TBD
TBD
ns
tsu(MDIO) Read data setup time
TBD
TBD
TBD
ns
th(MDIO)
Read data hold time
TBD
TBD
TBD
ns
ETH_MDC
ETH_MDIO(O)
ETH_MDIO(I)
tMDC
td(MDIO)
tsu(MDIO)
th(MDIO)
ai15666c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com