Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 102Page - STMicroelectronics STM32F405RG Datasheet HTML 103Page - STMicroelectronics STM32F405RG Datasheet HTML 104Page - STMicroelectronics STM32F405RG Datasheet HTML 105Page - STMicroelectronics STM32F405RG Datasheet HTML 106Page - STMicroelectronics STM32F405RG Datasheet HTML 107Page - STMicroelectronics STM32F405RG Datasheet HTML 108Page - STMicroelectronics STM32F405RG Datasheet HTML 109Page - STMicroelectronics STM32F405RG Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
106/154
Doc ID 022152 Rev 1
Table 62 gives the list of Ethernet MAC signals for the RMII and Figure 39 shows the
corresponding timing diagram.
Figure 39.
Ethernet RMII timing diagram
Table 63 gives the list of Ethernet MAC signals for MII and Figure 39 shows the
corresponding timing diagram.
Figure 40.
Ethernet MII timing diagram
Table 62.
Dynamics characteristics: Ethernet MAC signals for RMII(1)
1.
TBD stands for “to be defined”.
Symbol
Rating
Min
Typ
Max
Unit
tsu(RXD)
Receive data setup time
TBD
TBD
TBD
ns
tih(RXD)
Receive data hold time
TBD
TBD
TBD
ns
tsu(CRS)
Carrier sense set-up time
TBD
TBD
TBD
ns
tih(CRS)
Carrier sense hold time
TBD
TBD
TBD
ns
td(TXEN)
Transmit enable valid delay time
0
9.6
21.9
ns
td(TXD)
Transmit data valid delay time
0
9.9
21
ns
RMII_REF_CLK
RMII_TX_EN
RMII_TXD[1:0]
RMII_RXD[1:0]
RMII_CRS_DV
td(TXEN)
td(TXD)
tsu(RXD)
tsu(CRS)
tih(RXD)
tih(CRS)
ai15667
MII_RX_CLK
MII_RXD[3:0]
MII_RX_DV
MII_RX_ER
td(TXEN)
td(TXD)
tsu(RXD)
tsu(ER)
tsu(DV)
tih(RXD)
tih(ER)
tih(DV)
ai15668
MII_TX_CLK
MII_TX_EN
MII_TXD[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com