Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 128Page - STMicroelectronics STM32F405RG Datasheet HTML 129Page - STMicroelectronics STM32F405RG Datasheet HTML 130Page - STMicroelectronics STM32F405RG Datasheet HTML 131Page - STMicroelectronics STM32F405RG Datasheet HTML 132Page - STMicroelectronics STM32F405RG Datasheet HTML 133Page - STMicroelectronics STM32F405RG Datasheet HTML 134Page - STMicroelectronics STM32F405RG Datasheet HTML 135Page - STMicroelectronics STM32F405RG Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
132/154
Doc ID 022152 Rev 1
NAND controller waveforms and timings
Figure 60 through Figure 63 represent synchronous waveforms and Table 79 provides the
corresponding timings. The results shown in this table are obtained with the following FSMC
configuration:
●
COM.FSMC_SetupTime = 0x01;
●
COM.FSMC_WaitSetupTime = 0x03;
●
COM.FSMC_HoldSetupTime = 0x02;
●
COM.FSMC_HiZSetupTime = 0x01;
●
ATT.FSMC_SetupTime = 0x01;
●
ATT.FSMC_WaitSetupTime = 0x03;
●
ATT.FSMC_HoldSetupTime = 0x02;
●
ATT.FSMC_HiZSetupTime = 0x01;
●
Bank = FSMC_Bank_NAND;
●
MemoryDataWidth = FSMC_MemoryDataWidth_16b;
●
ECC = FSMC_ECC_Enable;
●
ECCPageSize = FSMC_ECCPageSize_512Bytes;
●
TCLRSetupTime = 0;
●
TARSetupTime = 0;
tw(NIOWR)
FSMC_NIOWR low width
TBD
-
ns
tv(NIOWR-D)
FSMC_NIOWR low to FSMC_D[15:0] valid
-
TBD
ns
th(NIOWR-D)
FSMC_NIOWR high to FSMC_D[15:0] invalid
TBD
-
ns
td(NCE4_1-NIOWR) FSMC_NCE4_1 low to FSMC_NIOWR valid
-
TBD
ns
th(NCEx-NIOWR)
th(NCE4_1-NIOWR)
FSMC_NCEx high to FSMC_NIOWR invalid
FSMC_NCE4_1 high to FSMC_NIOWR invalid
TBD
-
ns
td(NIORD-NCEx)
td(NIORD-NCE4_1)
FSMC_NCEx low to FSMC_NIORD valid FSMC_NCE4_1
low to FSMC_NIORD valid
-TBD
ns
th(NCEx-NIORD)
th(NCE4_1-NIORD)
FSMC_NCEx high to FSMC_NIORD invalid
FSMC_NCE4_1 high to FSMC_NIORD invalid
TBD
-
ns
tsu(D-NIORD)
FSMC_D[15:0] valid before FSMC_NIORD high
TBD
-
ns
td(NIORD-D)
FSMC_D[15:0] valid after FSMC_NIORD high
TBD
-
ns
tw(NIORD)
FSMC_NIORD low width
TBD
-
ns
1.
CL = 15 pF.
2.
Based on characterization, not tested in production.
3.
TBD stands for “to be defined”.
Table 78.
Switching characteristics for PC Card/CF read and write cycles(1)(2)(3) (continued)
Symbol
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com