Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405RG Datasheet(PDF) 135 Page - STMicroelectronics

Part # STM32F405RG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 131Page - STMicroelectronics STM32F405RG Datasheet HTML 132Page - STMicroelectronics STM32F405RG Datasheet HTML 133Page - STMicroelectronics STM32F405RG Datasheet HTML 134Page - STMicroelectronics STM32F405RG Datasheet HTML 135Page - STMicroelectronics STM32F405RG Datasheet HTML 136Page - STMicroelectronics STM32F405RG Datasheet HTML 137Page - STMicroelectronics STM32F405RG Datasheet HTML 138Page - STMicroelectronics STM32F405RG Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
135/154
5.3.26
Camera interface (DCMI) timing specifications
5.3.27
SD/SDIO MMC card host interface (SDIO) characteristics
Unless otherwise specified, the parameters given in Table 81 are derived from tests
performed under ambient temperature, fPCLKx frequency and VDD supply voltage conditions
summarized in Table 10.
Refer to Section 5.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics (D[7:0], CMD, CK).
Figure 64.
SDIO high-speed mode
td(ALE-NWE)
(4) FSMC_ALE valid before FSMC_NWE low
-
TBD
ns
th(NWE-ALE)
(4) FSMC_NWE high to FSMC_ALE invalid
TBD
-
ns
td(ALE-NOE)
(4)
FSMC_ALE valid before FSMC_NOE low
-
TBD
ns
th(NOE-ALE)
(4)
FSMC_NWE high to FSMC_ALE invalid
TBD
-
ns
1.
CL = 15 pF.
2.
TBD stands for “to be defined”.
3.
Based on characterization, not tested in production.
4.
Guaranteed by design, not tested in production.
Table 79.
Switching characteristics for NAND Flash read and write cycles(1)(2)
Symbol
Parameter
Min
Max
Unit
Table 80.
DCMI characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
Frequency ratio
DCMI_PIXCLK/
fHCLK
(1)
0.4
1.
Maximum value of DCMI_PIXCLK = 54 MHz.
tW(CKH)
CK
D, CMD
(output)
D, CMD
(input)
tC
tW(CKL)
tOV
tOH
tISU
tIH
tf
tr
ai14887



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com