Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F405VG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 98Page - STMicroelectronics STM32F405VG Datasheet HTML 99Page - STMicroelectronics STM32F405VG Datasheet HTML 100Page - STMicroelectronics STM32F405VG Datasheet HTML 101Page - STMicroelectronics STM32F405VG Datasheet HTML 102Page - STMicroelectronics STM32F405VG Datasheet HTML 103Page - STMicroelectronics STM32F405VG Datasheet HTML 104Page - STMicroelectronics STM32F405VG Datasheet HTML 105Page - STMicroelectronics STM32F405VG Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
102/154
Doc ID 022152 Rev 1
USB OTG FS characteristics
The USB OTG interface is USB-IF certified (Full-Spee
d). This interface is present in both
the USB OTG HS and USB OTG FS controllers.
Table 53.
USB OTG FS startup time
Symbol
Parameter
Max
Unit
tSTARTUP
(1)
1.
Guaranteed by design, not tested in production.
USB OTG FS transceiver startup time
1
µs
Table 54.
USB OTG FS DC electrical characteristics
Symbol
Parameter
Conditions
Min.(1)
1.
All the voltages are measured from the local ground potential.
Typ. Max.(1) Unit
Input
levels
VDD
USB OTG FS operating
voltage
3.0(2)
2.
The STM32F405xx and STM32F407xx USB OTG FS functionality is ensured down to 2.7 V but not the full
USB OTG FS electrical characteristics which are degraded in the 2.7-to-3.0 V VDD voltage range.
-3.6
V
VDI
(3)
3.
Guaranteed by design, not tested in production.
Differential input sensitivity
I(USB_FS_DP/DM,
USB_HS_DP/DM)
0.2
-
-
V
VCM
(3) Differential common mode
range
Includes VDI range
0.8
-
2.5
VSE
(3)
Single ended receiver
threshold
1.3
-
2.0
Output
levels
VOL
Static output level low
RL of 1.5 kΩ to 3.6 V
(4)
4.
RL is the load connected on the USB OTG FS drivers
--
0.3
V
VOH
Static output level high
RL of 15 kΩ to VSS
(4)
2.8
-
3.6
RPD
PA11, PA12, PB14, PB15
(USB_FS_DP/DM,
USB_HS_DP/DM)
VIN = VDD
17
21
24
k
Ω
PA9, PB13
(OTG_FS_VBUS,
OTG_HS_VBUS)
0.65
1.1
2.0
RPU
PA12, PB15 (USB_FS_DP,
USB_HS_DP)
VIN = VSS
1.5
1.8
2.1
PA9, PB13
(OTG_FS_VBUS,
OTG_HS_VBUS)
VIN = VSS
0.25
0.37
0.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com