Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32F405VG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 100Page - STMicroelectronics STM32F405VG Datasheet HTML 101Page - STMicroelectronics STM32F405VG Datasheet HTML 102Page - STMicroelectronics STM32F405VG Datasheet HTML 103Page - STMicroelectronics STM32F405VG Datasheet HTML 104Page - STMicroelectronics STM32F405VG Datasheet HTML 105Page - STMicroelectronics STM32F405VG Datasheet HTML 106Page - STMicroelectronics STM32F405VG Datasheet HTML 107Page - STMicroelectronics STM32F405VG Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
104/154
Doc ID 022152 Rev 1
USB HS characteristics
Table 57 shows the USB HS operating voltage.
Figure 37.
ULPI timing diagram
Table 57.
USB HS DC electrical characteristics
Symbol
Parameter
Min.(1)
1.
All the voltages are measured from the local ground potential.
Max.(1)
Unit
Input level
VDD
Ethernet operating voltage
2.7
3.6
V
Table 58.
USB HS clock timing parameters(1)
1.
Guaranteed by design, not tested in production.
Parameter
Symbol
Min
Nominal
Max
Unit
fHCLK value to guarantee proper operation of
USB HS interface
TBD
MHz
Frequency (first transition)
8-bit ±10%
FSTART_8BIT
54
60
66
MHz
Frequency (steady state) ±500 ppm
FSTEADY
59.97
60
60.03
MHz
Duty cycle (first transition)
8-bit ±10%
DSTART_8BIT
40
50
60
%
Duty cycle (steady state) ±500 ppm
DSTEADY
49.975
50
50.025
%
Time to reach the steady state frequency and
duty cycle after the first transition
TSTEADY
--
1.4
ms
Clock startup time after the
de-assertion of SuspendM
Peripheral
TSTART_DEV
--
5.6
ms
Host
TSTART_HOST
--
-
PHY preparation time after the first transition
of the input clock
TPREP
--
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com