Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1020 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPV1020
Description  Interleaved DC-DC boost converter with built-in MPPT algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1020 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPV1020 Datasheet HTML 2Page - STMicroelectronics SPV1020 Datasheet HTML 3Page - STMicroelectronics SPV1020 Datasheet HTML 4Page - STMicroelectronics SPV1020 Datasheet HTML 5Page - STMicroelectronics SPV1020 Datasheet HTML 6Page - STMicroelectronics SPV1020 Datasheet HTML 7Page - STMicroelectronics SPV1020 Datasheet HTML 8Page - STMicroelectronics SPV1020 Datasheet HTML 9Page - STMicroelectronics SPV1020 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Maximum ratings
SPV1020
6/19
Doc ID 17588 Rev 3
3
Maximum ratings
3.1
Absolute maximum ratings
Table 3.
Absolute maximum ratings
Symbol
Parameter
Range
[min., max.]
Unit
VIN
Power supply
[-0.3, 40]
V
VOUT
Power supply
[-0.3, 40]
V
PGND
Power ground
0
V
SGND
Signal ground
[-0.3, 0.3]
V
VOUT_SNS
Analog input
[-0.3, VOUT + 0.3]
V
LX1….4
Analog input
[-0.3, VOUT + 0.3]
V
CB1…4
Analog input/output
[Lxi – 0.3, Lxi + 5]
V
VREG
Analog input/output
[-0.3, 6]
V
VIN_SNS
Analog input
[-0.3, 3.3 + 0.3]
V
XCS
Analog input
[-0.3, 3.3 + 0.3]
V
OSC_IN
Analog input
[-0.3, 3.3 + 0.3]
V
PZ_OUT
Analog input/output
[-0.3, VIN + 0.3]
V
SPI_DATA_OUT Analog output
[-0.3, 3.3 + 0.3]
V
SPI_CLK
Digital input
[-0.3, 3.3 + 0.3]
V
SPI_DATA_IN
Digital input
[-0.3, 3.3 + 0.3]
V
VIN_SNS_M
Dedicated ground
[-0.3, 0.3]
V
Table 4.
Thermal data
Symbol
Parameter
Min.
Typ. Max. Unit
RthJA
Thermal resistance, junction to ambient
-
24
°C/W
Tjop
Junction temperature operating range
-
°C
Tstg
Storage temperature
-50
-
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com