Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1020 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPV1020
Description  Interleaved DC-DC boost converter with built-in MPPT algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1020 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPV1020 Datasheet HTML 5Page - STMicroelectronics SPV1020 Datasheet HTML 6Page - STMicroelectronics SPV1020 Datasheet HTML 7Page - STMicroelectronics SPV1020 Datasheet HTML 8Page - STMicroelectronics SPV1020 Datasheet HTML 9Page - STMicroelectronics SPV1020 Datasheet HTML 10Page - STMicroelectronics SPV1020 Datasheet HTML 11Page - STMicroelectronics SPV1020 Datasheet HTML 12Page - STMicroelectronics SPV1020 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
SPV1020
Detailed description
Doc ID 17588 Rev 3
9/19
5.2
Oscillator
The switching frequency Fswitch is internally fixed at 100 kHz and each phase operates at
the frequency fixed by the oscillator. To set the default value of 100 kHz, connect OSC_IN to
VREG. The switching frequency can be adjusted from 50 kHz to 200 kHz by connecting an
external resistor R6 between OSC and SGND. The relationship between R6 and Fswitch is:
5.3
Input voltage sensing
The device monitors the input voltage generated by the PV cells through VIN_SNS. This
value is used to calculate the power generated by the PV cell string and then to adjust the
PWM duty cycle to provide the maximum power point.
The input voltage must be scaled to a reference voltage level of 1.25 V at the input of the
ADC integrated in the SPV1020.
Referring to the schematic shown in the application circuit of
Figure 1, R1 and R2 are the
resistors used for partitioning the input voltage.
If Vin_max is the maximum input voltage of the supply source (e.g. the PV panel or the PV
string), R1 and R2 must be selected according to the following formula:
Also, in order to optimize the efficiency of the whole system, when selecting R1 and R2,
their power dissipation must be taken into account.
Assuming negligible the current flowing through pin VIN_SNS, maximum power dissipation
in the series R1+R2 is:
As an empirical rule, R1 and R2 should be selected according to:
Note:
In order to guarantee the proper functionality of pin VIN_SNS, current flowing in the series
R1+R2 should be in the range between 20 µA and 200 µA.
R1
R2
--------
V
inmax
1.25
------------------
1
–
=
2
R
1
R
)
V
(
P
2
max
_
in
sns
_
vin
+
=
)
I
V
(
x
01
.
P
max
_
in
max
_
in
sns
_
vin
<<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com