Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1020 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPV1020
Description  Interleaved DC-DC boost converter with built-in MPPT algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1020 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPV1020 Datasheet HTML 7Page - STMicroelectronics SPV1020 Datasheet HTML 8Page - STMicroelectronics SPV1020 Datasheet HTML 9Page - STMicroelectronics SPV1020 Datasheet HTML 10Page - STMicroelectronics SPV1020 Datasheet HTML 11Page - STMicroelectronics SPV1020 Datasheet HTML 12Page - STMicroelectronics SPV1020 Datasheet HTML 13Page - STMicroelectronics SPV1020 Datasheet HTML 14Page - STMicroelectronics SPV1020 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SPV1020
Detailed description
Doc ID 17588 Rev 3
11/19
5.6
Overtemperature protection (OTP)
When the temperature sensed at silicon level reaches 150 °C, all low-side power switches
are immediately turned off. The device becomes operative again as soon as the silicon
temperature drops to 130 °C.
5.7
Shutdown
In shutdown mode, the SHUT command sent to the converter switches the converter off to
minimize power consumption. The synchronous rectifier intrinsic body diode causes a
parasitic path between the power supply input and output, that cannot be avoided in
shutdown.
5.8
Undervoltage lockout (UVLO)
When solar radiation is too low or the PV cells are shaded, the energy generated may be too
small to drive the converter. In this case, when the input voltage is lower than the UVLO
threshold, all circuitry is in the OFF state, avoiding undesired power consumption.
Hysteresis has been implemented to limit undesired switching of the internal reset circuits.
5.9
MPPT
In order to maximize the energy transferred from the PV cell string to the DC bus (connected
to the output of the converter) the converter embeds a logic running a
Perturb&Observe
MPPT algorithm based on monitoring the voltage and current supplied by the PV cells. If the
operating voltage of the PV array is perturbed in a given direction and the power drawn from
the PV array increases, this means that the operating point has moved towards the MPP
and, therefore, the operating voltage must be further perturbed in the same direction.
Otherwise, if the power drawn from the PV array decreases, the operating point has moved
away from the MPP and, therefore, the direction of the operating voltage perturbation must
be reversed
5.10
SPI
The SPV1020 embeds a 4-pin compatible SPI interface. The SPI allows full duplex,
synchronous, serial communication between a host controller (the master) and the
SPV1020 peripheral device (the slave). The SPI master provides the synchronizing clock
and starts the communication. The idle state of the serial clock for the SPV1020 is high.
Data pins are driven on the falling edges of the serial clock and they are sampled on its
rising edges. These features correspond to a clock polarity set to 1 (typical host SPI control
bit CPOL=1) and to a clock phase set to 1 (typical host SPI control bit CPHA=1),
respectively. The bit order of each byte is MSB first.
When the master initiates a transmission, a data byte is shifted out through the MOSI pin to
the slave, while another data byte is shifted out through the MISO pin to the master. The
master controls the serial clock on the SCLK pin. The SS (active low) pin must be driven low
by the master during each transmission. The bit order of each byte is MSB first.
The SPV1020 register file is accessible by the host through the SPI bus. Therefore the host
can read the SPV1020 control parameter register data. Each data frame includes at least



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com