Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1020 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPV1020
Description  Interleaved DC-DC boost converter with built-in MPPT algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1020 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPV1020 Datasheet HTML 11Page - STMicroelectronics SPV1020 Datasheet HTML 12Page - STMicroelectronics SPV1020 Datasheet HTML 13Page - STMicroelectronics SPV1020 Datasheet HTML 14Page - STMicroelectronics SPV1020 Datasheet HTML 15Page - STMicroelectronics SPV1020 Datasheet HTML 16Page - STMicroelectronics SPV1020 Datasheet HTML 17Page - STMicroelectronics SPV1020 Datasheet HTML 18Page - STMicroelectronics SPV1020 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Package mechanical data
SPV1020
16/19
Doc ID 17588 Rev 3
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at:
www.st.com. ECOPACK
is an ST trademark.
Table 9.
PowerSSO-36™ mechanical data
Symbol
mm
Min.
Typ.
Max.
A
2.15
2.47
A2
2.15
2.40
a1
0
0.075
b
0.18
0.36
c
0.23
0.32
D
10.10
10.50
E7.4
7.6
e0.5
e3
8.5
F2.3
G
0.075
G1
0.06
H
10.1
10.5
h
0.4
L
0.55
0.85
M4.3
N
10deg
O1.2
Q0.8
S2.9
T3.65
U1.0
X
4.1
4.7
Y
4.9
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com