Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1020 Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPV1020
Description  Interleaved DC-DC boost converter with built-in MPPT algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1020 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPV1020 Datasheet HTML 8Page - STMicroelectronics SPV1020 Datasheet HTML 9Page - STMicroelectronics SPV1020 Datasheet HTML 10Page - STMicroelectronics SPV1020 Datasheet HTML 11Page - STMicroelectronics SPV1020 Datasheet HTML 12Page - STMicroelectronics SPV1020 Datasheet HTML 13Page - STMicroelectronics SPV1020 Datasheet HTML 14Page - STMicroelectronics SPV1020 Datasheet HTML 15Page - STMicroelectronics SPV1020 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Detailed description
SPV1020
12/19
Doc ID 17588 Rev 3
one command byte followed by data bytes whose direction depends on the type of
command. If the command byte requires data to be read from the register file, those data
are transmitted from the slave to the master through the MISO pin. Therefore the master
appends a number of NOPs (0x00) to the command so that the entire data can be
transmitted, see
Figure 4. The master must transmit a byte to receive a byte.
If the SS wire goes high before the completion of a command byte in the data frame, the
SPV1020 rejects that byte and the frame is closed. Then the next data frame is considered
as a new one, starting with a command byte.
Figure 4.
Frame structure: register read operation
The host can insert a short pause between each frame byte, or it can work in burst mode
(no pause between frame bytes).
Some data words can be longer than 8 bits, such as ADC results (10 bits). In such cases,
data is first extended to the nearest multiple of one byte (right justified). Then it is split into
bytes, e.g. the ADC result R is formatted as follows:
Table 7 shows a list of commands. Each command addresses a memory location of a
certain width and sets the direction of the related data.
Table 6.
Data format for words longer than 8 bits
Bit 7
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSB
Byte 1
0
000
00
R9
MSB
R8
Byte 2
R7
R6R5R4
R3R2
R1
R0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com