Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1020 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPV1020
Description  Interleaved DC-DC boost converter with built-in MPPT algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1020 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPV1020 Datasheet HTML 4Page - STMicroelectronics SPV1020 Datasheet HTML 5Page - STMicroelectronics SPV1020 Datasheet HTML 6Page - STMicroelectronics SPV1020 Datasheet HTML 7Page - STMicroelectronics SPV1020 Datasheet HTML 8Page - STMicroelectronics SPV1020 Datasheet HTML 9Page - STMicroelectronics SPV1020 Datasheet HTML 10Page - STMicroelectronics SPV1020 Datasheet HTML 11Page - STMicroelectronics SPV1020 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Detailed description
SPV1020
8/19
Doc ID 17588 Rev 3
5
Detailed description
The SPV1020 is a fully integrated high efficiency DC-DC boost converter with 4-phase
interleaved topology operating in the voltage range from 6.5 VDC to 40 VDC. A simplified
block diagram showing only one of the four phases is shown in
Figure 3 below.
Figure 3.
Simplified block diagram
5.1
Initialization and startup mode
In order to guarantee a correct power-up sequence, the converter initially operates in burst
mode. When the input voltage is greater than 6.5 V, the converter sequentially activates
each of the four phases.
Initially, only phase 1 starts to work in burst mode, charging the inductor only for one cycle
over 15 cycles. Then the duty cycle is progressively increased until phase 1 is switched on
at every cycle and at the default switching frequency of 100 kHz.
After phase 1 has reached its steady-state condition, all the other phases are progressively
switched on in the following sequence: phase 3, phase 2 and, lastly, phase 4.
All the sequences are running when the power generated by the PV cells is increasing.
Otherwise the sequence may go back and then forward again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com