Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1020 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPV1020
Description  Interleaved DC-DC boost converter with built-in MPPT algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1020 Datasheet(HTML) 1 Page - STMicroelectronics

  SPV1020 Datasheet HTML 1Page - STMicroelectronics SPV1020 Datasheet HTML 2Page - STMicroelectronics SPV1020 Datasheet HTML 3Page - STMicroelectronics SPV1020 Datasheet HTML 4Page - STMicroelectronics SPV1020 Datasheet HTML 5Page - STMicroelectronics SPV1020 Datasheet HTML 6Page - STMicroelectronics SPV1020 Datasheet HTML 7Page - STMicroelectronics SPV1020 Datasheet HTML 8Page - STMicroelectronics SPV1020 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
January 2012
Doc ID 17588 Rev 3
1/19
19
SPV1020
Interleaved DC-DC boost converter with built-in MPPT algorithm
Features
■ PWM mode DC-DC boost converter
■ Duty cycle controlled by MPPT algorithm with
0.2% accuracy
■ Operating voltage range 6.5 - 40 V
■ Overvoltage, overcurrent, overtemperature
protection
■ Interleaved 4-phase topology
■ Built-in soft-start
■ Up to 98% efficiency
■ Power capability 320 W at 40 V output
■ Automatic transition to burst mode for
improved efficiency at low solar radiation
■ SPI interface
Applications
■ Photovoltaic panels
■ Battery charging with a CVCC controller
Description
The SPV1020 is a monolithic 4-phase interleaved
DC-DC boost converter designed to maximize the
power generated by photovoltaic panels
independent of temperature and amount of solar
radiation.
Optimization of the power conversion is obtained
with embedded logic which performs the MPPT
(max. power point tracking) algorithm on the PV
cells connected to the converter.
One or more converters can be housed in the
connection box of the PV panels, replacing the
bypass diodes. As the maximum power point is
locally computed, the efficiency at system level is
higher than that of conventional topologies, where
the MPP is computed in the main centralized
inverter.
For a cost effective application solution and to
minimize size, the SPV1020 embeds Power
MOSFETs for active switches and synchronous
rectifiers, minimizing the number of external
devices. In addition, the 4-phase interleaved
topology of the DC-DC converter obviates the
need to use electrolytic capacitors, which may
severely limit system lifetime.
The SPV1020 operates at fixed frequency in
PWM mode, where the duty cycle is controlled by
the embedded logic running a Perturb&Observe
MPPT algorithm. The switching frequency,
internally generated and set by default at 100
kHz, is externally adjustable from 50 kHz to 200
kHz, while the duty cycle can range from 5% to
90% with a step of 0.2%.
The safety of the application is guaranteed by
stopping the drivers in the case of output
overvoltage or overtemperature.
Multiple SPV1020s can be used in a panel array
with one SPV1020 per panel. Panels can be
connected in series, in parallel, or series/parallel
combinations.
Table 1.
Device summary
Order codes
Package
Packaging
SPV1020
PowerSSO-36
Tube
PowerSSO-36
www.st.com


Similar Part No. - SPV1020

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPV1001 STMICROELECTRONICS-SPV1001 Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40 STMICROELECTRONICS-SPV1001D40 Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40 STMICROELECTRONICS-SPV1001D40 Datasheet
305Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40TR STMICROELECTRONICS-SPV1001D40TR Datasheet
315Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
SPV1001D40TR STMICROELECTRONICS-SPV1001D40TR Datasheet
305Kb / 12P
Cool bypass switch for photovoltaic applications
11-Nov-2011
More results

Similar Description - SPV1020

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1601 ZETEX-ZXLD1601 Datasheet
134Kb / 12P
ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH IN SC70
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Rohm
BD8904F ROHM-BD8904F Datasheet
682Kb / 16P
IC card interface ICs with Built-in DC / DC Converter
logo
Diodes Incorporated
ZXLD1615 DIODES-ZXLD1615 Datasheet
191Kb / 12P
ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
AUGUST 2004
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
ON Semiconductor
LV49157V ONSEMI-LV49157V Datasheet
656Kb / 30P
1ch DC/DC boost converter with built-in Headphone Amplifier
June, 2013
LV5052V ONSEMI-LV5052V Datasheet
104Kb / 9P
DC/DC Converter Controller Built-in 2-channels
August, 2013
logo
Shenzhen Huazhimei Semi...
HM9233 HMSEMI-HM9233 Datasheet
1Mb / 7P
Built-in MOS, DC-DC converter
logo
Rohm
BD82A26MUF-M ROHM-BD82A26MUF-M Datasheet
1Mb / 48P
6ch White LED Driver Built-in Current Driver Boost DC/DC Converter for Automotive
15.Mar.2022 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com