Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1020 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SPV1020
Description  Interleaved DC-DC boost converter with built-in MPPT algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1020 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SPV1020 Datasheet HTML 10Page - STMicroelectronics SPV1020 Datasheet HTML 11Page - STMicroelectronics SPV1020 Datasheet HTML 12Page - STMicroelectronics SPV1020 Datasheet HTML 13Page - STMicroelectronics SPV1020 Datasheet HTML 14Page - STMicroelectronics SPV1020 Datasheet HTML 15Page - STMicroelectronics SPV1020 Datasheet HTML 16Page - STMicroelectronics SPV1020 Datasheet HTML 17Page - STMicroelectronics SPV1020 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Detailed description
SPV1020
14/19
Doc ID 17588 Rev 3
Table 8.
Typical timing requirements @ 25 °C, VDD=3.3 V
Parameter
Description
Min.
Max.
Units
Fsclk
SCLK frequency
6
MHz
Tsck
SCLK period
167
ns
Tpw
SCLK pulse width
80
ns
Tlead
SS lead time
80
ns
Tlag
SS lag time
80
ns
Ttd
Sequential transfer delay
80
ns
Tds
MOSI data setup time
8
ns
Tdh
MOSI data hold time
8
ns
Tdv
MISO data valid time
20
ns
Tho
MISO data hold time
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com