Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1020 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPV1020
Description  Interleaved DC-DC boost converter with built-in MPPT algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1020 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPV1020 Datasheet HTML 6Page - STMicroelectronics SPV1020 Datasheet HTML 7Page - STMicroelectronics SPV1020 Datasheet HTML 8Page - STMicroelectronics SPV1020 Datasheet HTML 9Page - STMicroelectronics SPV1020 Datasheet HTML 10Page - STMicroelectronics SPV1020 Datasheet HTML 11Page - STMicroelectronics SPV1020 Datasheet HTML 12Page - STMicroelectronics SPV1020 Datasheet HTML 13Page - STMicroelectronics SPV1020 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Detailed description
SPV1020
10/19
Doc ID 17588 Rev 3
5.4
Output voltage sensing and overvoltage protection (OVP)
Another monitoring is carried out on VOUT with the VOUT_SNS pin. This pin is used to
monitor the output voltage in order to regulate it’s maximum value (which cannot exceed 40
V), preventing damage due to overvoltage.
VOUT_SNS (the partitioned VOUT) is checked against a threshold of 1.0 V, generated by an
internal regulated voltage. When VOUT_SNS reaches 1 V, the output feedback loop begins
to regulate and limits the output voltage.
The stability of the loop can be externally regulated by connecting a resistor and a capacitor
(pole-zero compensation) between the PZ_OUT and SGND.
If VOUT_SNS exceeds 1.04 V a fault signal is generated and transmitted to the fault
controller. This stops the drivers and produces a fault signal to an external chip (DIAG = 0).
When VOUT_SNS decreases down to 1.04 V, the boost converter begins to regulate again
and the MPPT restarts from the minimum duty cycle of 5%.
Referring to the schematic shown in
Figure 1, R3 and R4 are the two resistors used to
partition the output voltage.
If VOUT_MAX is the maximum output voltage at the load, R3 and R4 must be selected
according to the following rule:
Also, in order to optimize the efficiency of the whole system, when selecting R3 and R4,
their power dissipation must be taken into account.
Assuming negligible the current flowing through pin VOUT_SNS, maximum power
dissipation in the series R3+R4 is:
As an empirical rule, R3 and R4 should be selected according to:
Note:
In order to guarantee the proper functionality of pin Vout_sns, current flowing in the series
R3+R4 should be in the range between 20 µA and 100 µA.
5.5
Overcurrent protection (OCP)
To guarantee safe operation the low-side power switches have overcurrent protection. If LX
is accidentally shorted to VIN or VOUT or when the current flowing through the inductor
exceeds the current limit (~4.5 A), the related low-side power switch is immediately turned
off and the linked synchronous rectifier is turned on. The low-side power switch is turned on
again at the next PWM cycle.
R3
R4
--------
V
outmax
1.02
---------------------
1
–
=
4
R
3
R
)
V
(
P
2
max
_
out
sns
_
vout
+
=
)
I
V
(
x
01
.
P
max
_
out
max
_
out
sns
_
vout
<<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com