Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1020 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPV1020
Description  Interleaved DC-DC boost converter with built-in MPPT algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1020 Datasheet(HTML) 5 Page - STMicroelectronics

  SPV1020 Datasheet HTML 1Page - STMicroelectronics SPV1020 Datasheet HTML 2Page - STMicroelectronics SPV1020 Datasheet HTML 3Page - STMicroelectronics SPV1020 Datasheet HTML 4Page - STMicroelectronics SPV1020 Datasheet HTML 5Page - STMicroelectronics SPV1020 Datasheet HTML 6Page - STMicroelectronics SPV1020 Datasheet HTML 7Page - STMicroelectronics SPV1020 Datasheet HTML 8Page - STMicroelectronics SPV1020 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SPV1020
Pin connection
Doc ID 17588 Rev 3
5/19
Table 2.
Pin description
Pin
Name
Type
Description
PowerSSO-36
34
VIN
Supply
DC input power supply unit.
7,8,17,18,19,20,29,30
VOUT
Supply
Booster output voltage
12,13,24,25
PGND
Ground
Power ground
1SGND
Ground
Signal ground reference. The exposed pad is connected to
PGND.
22,23,26,27,15,14,11,1
0
LX1…4
I
Booster inductor connection.
9,16,21,28
CB1…4
I/O
External bootstrap capacitors must be connected between
these pins and LXi
5
VREG
I/O
Power supply for internal low voltage circuitry; an external
capacitor must be connected to this pin referenced to
SGND
35
VIN_SNS
I
Sense pin of input voltage. To be biased with a resistor
divider between VIN and SGND
3VOUT_SNS
I
Sense pin of output voltage. To be biased with a resistor
divider between VOUT and SGND
31
XCS
I
Activates the SPI
36
VIN_SNS_M
I
Dedicated ground for VIN_SNS
2
PZ_OUT
I/O
Compensates the output voltage feedback loop. A series
resistor and capacitor are connected between PZ_OUT and
SGND.
6
SPI_DATA_OUT
O
Data OUT for SPI interface
33
SPI_CLK
I
Clock for SPI interface.
32
SPI_DATA_IN
I
Data IN for SPI interface.
4OSC_IN
I
Pin for adjusting the switching frequency; to set the default
value of 100 kHz, connect OSC_IN to VREG. Otherwise
connect OSC_IN through a resistor to SGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com