Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPV1020 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPV1020
Description  Interleaved DC-DC boost converter with built-in MPPT algorithm
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPV1020 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPV1020 Datasheet HTML 3Page - STMicroelectronics SPV1020 Datasheet HTML 4Page - STMicroelectronics SPV1020 Datasheet HTML 5Page - STMicroelectronics SPV1020 Datasheet HTML 6Page - STMicroelectronics SPV1020 Datasheet HTML 7Page - STMicroelectronics SPV1020 Datasheet HTML 8Page - STMicroelectronics SPV1020 Datasheet HTML 9Page - STMicroelectronics SPV1020 Datasheet HTML 10Page - STMicroelectronics SPV1020 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SPV1020
Electrical characteristics
Doc ID 17588 Rev 3
7/19
4
Electrical characteristics
VIN = 36 V, TA = 25 °C and TJ<125 °C, unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
Input source section
VIN
Operating input voltage
6.5
40
V
Iq
Quiescent current
ILOAD=0 mA, VOUT=36 V,
Tj=Tamb, PWM=5%
5mA
ISD
Shutdown mode current consumption
ILOAD=0 mA, VOUT=VIN=
36 V, Tj=Tamb
1mA
VUVLO
Undervoltage lockout threshold for turn-on
VIN increasing
6.5
V
Undervoltage lockout hysteresis
-0.5
V
Power section
RDSON-LS Power switch ON-resistance
70
m
Ω
RDSON-HS Synchronous rectifier ON-resistance
70
m
Ω
Control section
VOUT
Operating output voltage
Vin
40
V
IOUT
Operating output current
9
A
Ilim
LX switch current limit
4
4.5
5
A
FPWM
PWM frequency (default value)
70
100
150
kHz
VREF
Constant voltage control loop internal
reference voltage
1.18 1.23 1.27
V
Thermal shutdown
Tshutdown
Overtemperature threshold for turn-off
Temperature increasing
140
150
160
°C
Overtemperature hysteresis
-20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com