Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5240ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADL5240
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VDD = 5 V, VCC = 5 V, TA = 25oC
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
100
4000
MHz
AMPLIFIER FREQUENCY = 150 MHz
Using the AMPIN and AMPOUT pins
Gain
17.6
dB
vs. Frequency
±50 MHz
±1.0
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.04
dB
vs. Supply
4.75 V to 5.25 V
±0.04
dB
Input Return Loss
S11
−10.4
dB
Output Return Loss
S22
−7.7
dB
Output 1 dB Compression Point
18.3
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
30.0
dBm
Noise Figure
2.8
dB
AMPLIFIER FREQUENCY = 450 MHz
Using the AMPIN and AMPOUT pins
Gain
20.3
dB
vs. Frequency
±50 MHz
±0.11
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.36
dB
vs. Supply
4.75 V to 5.25 V
±0.01
dB
Input Return Loss
S11
−18.3
dB
Output Return Loss
S22
−15.7
dB
Output 1 dB Compression Point
20.2
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
39.0
dBm
Noise Figure
2.9
dB
AMPLIFIER FREQUENCY = 748 MHz
Using the AMPIN and AMPOUT pins
Gain
20.6
dB
vs. Frequency
±50 MHz
±0.01
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.31
dB
vs. Supply
4.75 V to 5.25 V
±0.01
dB
Input Return Loss
S11
−25.7
dB
Output Return Loss
S22
−23.7
dB
Output 1 dB Compression Point
20.2
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
40.0
dBm
Noise Figure
2.7
dB
AMPLIFIER FREQUENCY = 943 MHz
Using the AMPIN and AMPOUT pins
Gain
19.0
20.5
22.0
dB
vs. Frequency
±18 MHz
±0.01
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.27
dB
vs. Supply
4.75 V to 5.25 V
±0.01
dB
Input Return Loss
S11
−30.3
dB
Output Return Loss
S22
−24.8
dB
Output 1 dB Compression Point
18.5
20.1
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
40.0
dBm
Noise Figure
2.7
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com