Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5240ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADL5240
Rev. 0 | Page 5 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DSA FREQUENCY = 450 MHz
Using the DSAIN and DSAOUT pins
Insertion Loss
Minimum attenuation
−1.5
dB
vs. Frequency
±50 MHz
±0.02
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.10
dB
Attenuation Range
30.7
dB
Attenuation Step Error
All attenuation states
±0.14
dB
Attenuation Absolute Error
All attenuation states
±0.42
dB
Input Return Loss
Minimum attenuation
−17.6
dB
Output Return Loss
Minimum attenuation
−17.6
dB
Input Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone, minimum attenuation
41.0
dBm
DSA FREQUENCY = 748 MHz
Using the DSAIN and DSAOUT pins
Insertion Loss
Minimum attenuation
−1.6
dB
vs. Frequency
±50 MHz
±0.02
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.11
dB
Attenuation Range
30.9
dB
Attenuation Step Error
All attenuation states
±0.15
dB
Attenuation Absolute Error
All attenuation states
±0.32
dB
Input Return Loss
Minimum attenuation
−17.4
dB
Output Return Loss
Minimum attenuation
−17.4
dB
Input Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone, minimum attenuation
40
dBm
DSA FREQUENCY = 943 MHz
Using the DSAIN and DSAOUT pins
Insertion Loss
Minimum attenuation
−1.6
dB
vs. Frequency
±18 MHz
±0.01
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.12
dB
Attenuation Range
30.9
dB
Attenuation Step Error
All attenuation states
±0.13
dB
Attenuation Absolute Error
All attenuation states
±0.30
dB
Input Return Loss
Minimum attenuation
−16.6
dB
Output Return Loss
Minimum attenuation
−16.5
dB
Input 1 dB Compression Point
Minimum attenuation
30.5
dBm
Input Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone, minimum attenuation
48.5
dBm
DSA FREQUENCY = 1960 MHz
Using the DSAIN and DSAOUT pins
Insertion Loss
Minimum attenuation
−2.4
dB
vs. Frequency
±30 MHz
±0.02
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.16
dB
Attenuation Range
31.0
dB
Attenuation Step Error
All attenuation states
±0.15
dB
Attenuation Absolute Error
All attenuation states
±0.29
dB
Input Return Loss
Minimum attenuation
−12.0
dB
Output Return Loss
Minimum attenuation
−11.5
dB
Input 1 dB Compression Point
Minimum attenuation
31.5
dBm
Input Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone, minimum attenuation
45.0
dBm
DSA FREQUENCY = 2140 MHz
Using the DSAIN and DSAOUT pins
Insertion Loss
Minimum attenuation
−2.5
dB
vs. Frequency
±30 MHz
±0.02
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.17
dB
Attenuation Range
31.0
dB
Attenuation Step Error
All attenuation states
±0.12
dB
Attenuation Absolute Error
All attenuation states
±0.26
dB
Input Return Loss
Minimum attenuation
−11.9
dB
Output Return Loss
Minimum attenuation
−11.2
dB
Input 1 dB Compression Point
Minimum attenuation
31.5
dBm
Input Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone, minimum attenuation
44.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com