Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADL5240
Rev. 0 | Page 22 of 24
NC
VDD
NC
NC
NC
DSAOUT
NC
NC
NC
NC
VDD
DSAIN
ADL5240
NC
NC
NC
NC
R2
VDD
100pF
470nH
0.1µF
C2
0
0
0
0
DNI
DNI
DNI
DNI
DNI
DNI
1
17
18
2
20
21
23
24
3
4
5
6
8
AMPIN
1
2
3
4
5
6
7
8
9
VDD
1
2
R9
C9
R8
R7
R6
R5
R4
R3
C10
C11
C13
C14
C15
CLK
DATA
LE
C4
AMPOUT
R17
0.1µF
DSAIN
C1
19
DNI
DNI
DNI
7
C12
0
0
0
0
DNI
DSAOUT
100pF
L1
0.1µF
R12
R15
R14
C3
22
C8
3
DNI
R13
0
R10
R11
0
R16
DNI
0
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
AGND
68pF
1.2nF
VDD
1µF
R1
VCC
C7
C6
C5
DNI
AGND
S1
Figure 39. ADL5240 Evaluation Board
Table 8. Evaluation Board Configuration Options
Component
Function/Notes
Default Value
C1, C2
Input/output dc blocking capacitors for DSA.
C1, C2 = 100 pF
C3, C4
Input/output dc blocking capacitors for AMP.
C3, C4 = 0.1 μF
C5, C6, C7
Power supply decoupling for amplifier. The bias associated with the AMPOUT pin is
the most sensitive to noise because the bias is connected directly to the output. The
smallest capacitor (C7) should be the closest to the AMPOUT pin.
C5 = 1 μF
C6 = 1.2 nF
C7 = 68 pF
C8
Power supply decoupling for the DSA.
C8 = 0.1 μF
C9, C10, C11, C12, C13,
C14, C15
Capacitors of the RC filter on the digital signals leading to the SPI chip.
C9, C10, C11, C12,
C13, C14, C15 = open
L1
The bias for the amplifier comes through L1 when VCC is connected to a 5 V supply.
L1 should be high impedance for the frequency of operation while providing low
resistance for the dc current.
L1 = 470 nH
R1, R2
Resistors to connect the supply for the amplifier and the DSA to the same VDD plane.
R1, R2 = open
R3, R4, R5, R6, R7, R8, R9
Resistors of the RC filter on the digital signals leading to the SPI chip.
R3, R4, R5, R6, R7, R8,
R9 = 0 Ω
R10, R11, R14, R15
These resistors are used to terminate RF coupling onto the traces and to close the loop.
R10, R11, R14, R15 =
0 Ω
R12, R13, R16, R17
R12 and R16 are replaced with capacitors, and R13 and R17 are replaced with 0 Ω to
close the loop.
R12, R13, R16, R17 =
open
S1
Switch to change between the serial mode and parallel mode of operation. Connect
to supply for parallel mode and to ground for serial mode operation.
S1 connected to
ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com