Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADL5240
Rev. 0 | Page 21 of 24
EVALUATION BOARD
The schematic of the ADL5240 evaluation board is shown in
Figure 39, the evaluation board configuration options are detailed
in Table 8, and the layout of the ADL5240 evaluation board is
shown in Figure 40 and Figure 41. Each RF trace on the evaluation
board has a characteristic impedance of 50 Ω and is fabricated
on Rogers3003 material. In addition, each trace is a coplanar
waveguide (CPWG) with a width of 25 mils, a spacing of 20 mils,
and a dielectric thickness of 10 mils. The input to and output
from the DSA and amplifier should be ac-coupled with capacitors
of appropriate values to ensure the broadband performance.
The bias to the amplifier is provided by connecting a choke to
the AMPOUT pin. Bypassing capacitors are recommended on
all supply lines to minimize the RF coupling. The DSA and the
amplifier can be individually biased or connected to the VDD
plane using Resistors R2 and R1.
The ADL5240 can be operated in two ways: the amplifier can
precede the DSA (AMP-DSA loop configuration) or the DSA
can precede the amplifier (DSA-AMP loop configuration). The
evaluation board can be configured to handle either option. In
normal operation, R12 and R13 are open, and R10 and R11 are
0 Ω and are used to terminate any RF coupling onto the bypass
trace. To configure the ADL5240 in AMP-DSA loop configuration,
R12 should be replaced with a capacitor, R13 should be replaced
with a 0 Ω resistor, and R10 and R11 should be left open. Similarly,
to configure the ADL5240 in the DSA-AMP loop configuration,
R16 should be replaced with a capacitor, R17 should be replaced
with a 0 Ω resistor, and R14 and R15 should be left open.
The digital signal traces incorporate a footprint for an RC filter
to prevent potential noise from coupling onto the signal. In normal
operation, Resistors R3 to R9 are 0 Ω and Capacitors C9 to C15
are open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com