Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADL5240
Rev. 0 | Page 9 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD MUST BE CONNECTED TO GROUND.
PIN 1
INDICATOR
1
VDD
2
NC
3
NC
4
DSAIN
5
NC
6
NC
7
NC
8
NC
24 VDD
23 NC
22 NC
21 DSAOUT
20 NC
19 NC
18 NC
17 NC
TOP VIEW
(Not to Scale)
ADL5240
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 24
VDD
Supply Voltage for DSA. Connect this pin to a 5 V supply.
2, 3, 5, 6, 7, 8, 9, 11, 12,
13, 14, 16, 17, 18, 19, 20,
22, 23
NC
No Connect. Do not connect to this pin.
4
DSAIN
RF Input to DSA.
10
AMPOUT/VCC
RF Output from Amplifier/Supply Voltage for Amplifier. A bias to the amplifier is provided
through a choke inductor connected to this pin.
15
AMPIN
RF Input to Amplifier.
21
DSAOUT
RF Output from DSA.
25
D6
Data Bit in Parallel Mode (LSB). Connect this pin to the supply in serial mode.
26
D5
Data Bit in Parallel Mode. Connect this pin to ground in serial mode.
27
D4
Data Bit in Parallel Mode. Connect this pin to ground in serial mode.
28
D3
Data Bit in Parallel Mode. Connect this pin to ground in serial mode.
29
D2/LE
Data Bit in Parallel Mode/Latch Enable in Serial Mode.
30
D1/DATA
Data Bit in Parallel Mode (MSB)/Data in Serial Mode.
31
D0/CLK
Connect this pin to ground in parallel mode. This pin functions as a clock in serial mode.
32
SEL
Select Pin. Connect this pin to the supply to select parallel mode operation; connect this
pin to ground to select serial mode operation.
EPAD
Exposed Pad. The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com