Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5240ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
100 MHz to 4000 MHz
RF/IF Digitally Controlled VGA
ADL5240
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Operating frequency from 100 MHz to 4000 MHz
Digitally controlled VGA with serial and parallel interfaces
6-bit, 0.5 dB digital step attenuator
31.5 dB gain control range with ±0.25 dB step accuracy
Gain block amplifier specifications
Gain: 19.7 dB at 2.14 GHz
OIP3: 41.0 dBm at 2.14 GHz
P1dB: 19.5 dBm at 2.14 GHz
Noise figure: 2.9 dB at 2.14 GHz
Gain block or digital step attenuator can be first
Single supply operation from 4.75 V to 5.25 V
Low quiescent current of 93 mA
Thermally efficient, 5 mm × 5 mm, 32-lead LFCSP
The companion ADL5243 integrates a ¼ W driver amplifier to
the output of the gain block and DSA
APPLICATIONS
Wireless infrastructure
Automated test equipment
RF/IF gain control
GENERAL DESCRIPTION
The ADL5240 is a high performance, digitally controlled variable
gain amplifier (VGA) operating from 100 MHz to 4000 MHz.
The VGA integrates a high performance, 20 dB gain, internally
matched amplifier (AMP) with a 6-bit digital step attenuator
(DSA) that has a gain control range of 31.5 dB in 0.5 dB steps
with ±0.25 dB step accuracy. The attenuation of the DSA can be
controlled using a serial or parallel interface.
Both the gain block and DSA are internally matched to 50 Ω at
their inputs and outputs and are separately biased. The separate
bias allows all or part of the ADL5240 to be used, which facilitates
easy reuse throughout a design. The pinout of the ADL5240 also
enables either the gain block or DSA to be first, giving the VGA
maximum flexibility in a signal chain.
The ADL5240 consumes just 93 mA and operates from a single
supply ranging from 4.75 V to 5.25 V. The VGA is packaged in a
thermally efficient, 5 mm × 5 mm, 32-lead LFCSP and is fully
specified for operation from −40°C to +85°C. A fully populated
evaluation board is available.
FUNCTIONAL BLOCK DIAGRAM
ADL5240
AMP
9
10
11
12
13
14
15
16
SERIAL/PARALLEL INTERFACE
24
VDD
23
NC
22
NC
21
DSAOUT
20
NC
19
NC
18
NC
17
NC
0.5dB
1dB
2dB
4dB
8dB
16dB
32
31
30
29
28
27
26
25
1
VDD
2
NC
3
NC
4
DSAIN
5
NC
6
NC
7
NC
8
NC
Figure 1.


Similar Part No. - ADL5240ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5240ACPZ-R7 AD-ADL5240ACPZ-R7 Datasheet
1Mb / 28P
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
6/13-Rev. 0 to Rev. A
More results

Similar Description - ADL5240ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8369 AD-AD8369 Datasheet
968Kb / 24P
45 dB Digitally Controlled VGA LF to 600 MHz
REV.0
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
LF to 750 MHz Digitally Controlled VGA
AD8370 AD-AD8370_05 Datasheet
826Kb / 28P
LF to 750 MHz, Digitally Controlled VGA
7/05-Rev. 0 to Rev. A
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
ADL5324 AD-ADL5324 Datasheet
579Kb / 20P
400 MHz to 4000 MHz
REV. B
AD8369ARUZ AD-AD8369ARUZ Datasheet
809Kb / 24P
45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8369 AD-AD8369_15 Datasheet
809Kb / 24P
45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
LF to 750 MHz, Digitally Controlled VGA
REV. B
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
6/13-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com