Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADL5240
Rev. 0 | Page 17 of 24
SPI TIMING
Table 5 provides details about the timing characteristics for the
SPI signals—namely, the clock (CLK), latch enable (LE), and
data (DATA) signals—and Figure 34 shows the corresponding
SPI timing diagram.
SPI Timing Sequence
Figure 35 is the timing sequence for the SPI function using a 6-bit
operation. The clock can be as fast as 20 MHz. In serial mode,
Register B5 (MSB) is first and Register B0 (LSB) is last.
Table 4. Mode Selection Table
Pin 32 (SEL)
Functionality
Connect to Ground
Serial mode
Connect to Supply
Parallel mode
Table 5. SPI Timing Setup
Parameter
Limit
Unit
Test Conditions/Comments
fCLK
10
MHz
Data clock frequency
t1
30
ns min
Clock high time
t2
30
ns min
Clock low time
t3
10
ns min
Data to clock setup time
t4
10
ns min
Clock to data hold time
t5
10
ns min
Clock low to LE setup time
t6
30
ns min
LE pulse width
CLK
DATA
LE
B4
B3
B1
MSB
B5
LSB
B0
B2
t6
t5
t1
t2
t4
t3
Figure 34. SPI Timing Diagram (Data Is Loaded MSB First), Serial Mode
B4
B3
B1
MSB
B5
LSB
B0
B2
D0/CLK
D1/DATA
D2/LE
D6
Figure 35. SPI Timing Sequence, Serial Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com