Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5240ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADL5240
Rev. 0 | Page 4 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
AMPLIFIER FREQUENCY = 1960 MHz
Using the AMPIN and AMPOUT pins
Gain
19.8
dB
vs. Frequency
±30 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.26
dB
vs. Supply
4.75 V to 5.25 V
±0.03
dB
Input Return Loss
S11
−11.9
dB
Output Return Loss
S22
−12.6
dB
Output 1 dB Compression Point
19.8
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
40.0
dBm
Noise Figure
2.9
dB
AMPLIFIER FREQUENCY = 2140 MHz
Using the AMPIN and AMPOUT pins
Gain
18.0
19.7
22.0
dB
vs. Frequency
±30 MHz
±0.02
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.25
dB
vs. Supply
4.75 V to 5.25 V
±0.04
dB
Input Return Loss
S11
−11.0
dB
Output Return Loss
S22
−12.0
dB
Output 1 dB Compression Point
17.5
19.5
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
41.0
dBm
Noise Figure
2.9
dB
AMPLIFIER FREQUENCY = 2630 MHz
Using the AMPIN and AMPOUT pins
Gain
18.0
19.6
22.0
dB
vs. Frequency
±60 MHz
±0.01
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.22
dB
vs. Supply
4.75 V to 5.25 V
±0.04
dB
Input Return Loss
S11
−11.0
dB
Output Return Loss
S22
−13.3
dB
Output 1 dB Compression Point
18.0
19.9
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
41.0
dBm
Noise Figure
2.9
dB
AMPLIFIER FREQUENCY = 3600 MHz
Using the AMPIN and AMPOUT pins
Gain
19.6
dB
vs. Frequency
±100 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.05
dB
vs. Supply
4.75 V to 5.25 V
±0.10
dB
Input Return Loss
S11
−15.1
dB
Output Return Loss
S22
−12.2
dB
Output 1 dB Compression Point
18.8
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
37.0
dBm
Noise Figure
3.1
dB
DSA FREQUENCY = 150 MHz
Using the DSAIN and DSAOUT pins
Insertion Loss
Minimum attenuation
−1.5
dB
vs. Frequency
±50 MHz
±0.12
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.09
dB
Attenuation Range
28.8
dB
Attenuation Step Error
All attenuation states
±0.18
dB
Attenuation Absolute Error
All attenuation states
±1.35
dB
Input Return Loss
Minimum attenuation
−13.3
dB
Output Return Loss
Minimum attenuation
−13.4
dB
Input Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone, minimum attenuation
45.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com