Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADL5240
Rev. 0 | Page 16 of 24
Amplifier Bias
The dc bias for the amplifier in ADL5240 is supplied through
Inductor L1 and is connected to the AMPOUT pin. Three
decoupling capacitors (C3, C4, and C5) are used to prevent
RF signals from propagating onto the dc lines. The dc supply
ranges from 4.75 V to 5.25 V and should be connected to the
VCC test point on the evaluation board.
Digital Step Attenuator Bias
The bias for the DSA is provided through the VDD pin. At least
one decoupling capacitor (C8) is recommended on the VDD
trace. The voltage ranges from 4.75 V to 5.25 V and should be
connected to the VDD test point on the evaluation board. The
DSA is shown to work for dc voltages as low as 2.5 V.
Amplifier RF Input Interface
Pin 15 is the RF input for the amplifier of ADL5240. The
amplifier is internally matched to 50 Ω at the input; therefore,
no external components are required. Only a dc blocking
capacitor (C1) is required.
Amplifier RF Output Interface
Pin 10 is the RF output for the amplifier of ADL5240. The
amplifier is internally matched to 50 Ω at the output; therefore,
no external components are required. Only a dc blocking
capacitor (C2) is required. The bias is provided through this pin
via a choke inductor.
DSA RF Input Interface
Pin 4 is the RF input for the DSA of ADL5240. The input
impedance of the DSA is close to 50 Ω over the entire frequency
range; therefore, no external components are required. Only a
dc blocking capacitor (C6) is required.
DSA RF Output Interface
Pin 21 is the RF output for the DSA of ADL5240. The output
impedance of the DSA is close to 50 Ω over the entire frequency
range; therefore, no external components are required. Only a
dc blocking capacitor (C7) is required.
DSA SPI Interface
The DSA of the ADL5240 can operate in either serial or parallel
mode. Pin 32 (SEL) controls the mode of operation. To select serial
mode, connect SEL to ground; to select parallel mode, connect
SEL to VDD. In parallel mode, Pin 25 to Pin 30 (D6 to D1) are
the data bits, with D6 being the LSB. Connect Pin 31 (D0) to
ground during the parallel mode of operation. In serial mode,
Pin 29 is the latch enable (LE), Pin 30 is the data (DATA), and
Pin 31 is the clock (CLK). Pin 26, Pin 27, and Pin 28 are not used
in serial mode and should be connected to ground. Pin 25 (D6)
should be connected to VDD during the serial mode of operation.
To prevent noise from coupling onto the digital signals, an RC filter
can be used on each data line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com