Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADL5240
Rev. 0 | Page 7 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
AMP-DSA LOOP FREQUENCY = 2630 MHz
Using the AMPIN and DSAOUT pins, DSA at
minimum attenuation
Gain
17.7
dB
vs. Frequency
±60 MHz
±0.11
dB
Gain Range
31.5
dB
Input Return Loss
S11
−15.2
dB
Output Return Loss
S22
−9.6
dB
Output 1 dB Compression Point
16.9
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 1 dBm/tone
33.7
dBm
Noise Figure
3.0
dB
DSA-AMP LOOP FREQUENCY = 943 MHz
Using the DSAIN and AMPOUT pins, DSA at
minimum attenuation
Gain
18.9
dB
vs. Frequency
±18 MHz
±0.01
dB
Gain Range
Between maximum and minimum attenuation states
30.8
dB
Input Return Loss
S11
−17.2
dB
Output Return Loss
S22
−23.7
dB
Output 1 dB Compression Point
20.2
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
40.0
dBm
Noise Figure
4.4
dB
DSA-AMP LOOP Frequency = 2140 MHz
Using the DSAIN and AMPOUT pins, DSA at
minimum attenuation
Gain
18.0
dB
vs. Frequency
±30 MHz
±0.01
dB
Gain Range
Between maximum and minimum attenuation states
31.1
dB
Input Return Loss
S11
−13.7
dB
Output Return Loss
S22
−10.0
dB
Output 1 dB Compression Point
19.7
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
37.5
dBm
Noise Figure
4.9
dB
DSA-AMP LOOP Frequency = 2630 MHz
Using the DSAIN and AMPOUT pins, DSA at
minimum attenuation
Gain
18.2
dB
vs. Frequency
±60 MHz
±0.01
dB
Gain Range
Between maximum and minimum attenuation states
31.7
dB
Input Return Loss
S11
−15.7
dB
Output Return Loss
S22
−16.9
dB
Output 1 dB Compression Point
19.8
dBm
Output Third-Order Intercept
∆f = 1 MHz, POUT = 4 dBm/tone
40.8
dBm
Noise Figure
5.2
dB
POWER SUPPLIES
Using the VDD and VCC pins
Voltage
4.75
5.0
5.25
V
Supply Current
Amplifier
93
120
mA
Digital Step Attenuator
0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com