Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5240ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5240ACPZ-R7
Description  100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5240ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5240ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5240ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADL5240
Rev. 0 | Page 14 of 24
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
–4
20
12
14
16
18
10
8
6
4
2
0
–2
POUT (dBm)
943MHz
2140MHz
2630MHz
Figure 27. DSA-AMP Loop: Gain vs. POUT and Frequency,
Minimum Attenuation State
80
110
105
100
95
90
85
–40 –30 –20 –10
0
102030
40
50
60708090
TEMPERATURE (°C)
5.25V
5.00V
4.75V
Figure 28. AMP: Supply Current vs. Voltage and Temperature
0
35
30
25
20
15
10
5
GAIN (dB)
Figure 29. AMP: Gain Distribution at 2140 MHz
0
30
25
20
15
10
5
P1dB (dBm)
Figure 30. AMP: P1dB Distribution at 2140 MHz
0
30
25
20
15
10
5
OIP3 (dBm)
33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Figure 31. AMP: OIP3 Distribution at 2140 MHz
0
70
60
50
40
30
20
10
NOISE FIGURE (dB)
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Figure 32. AMP: Noise Figure Distribution at 2140 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com