Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880 Datasheet(PDF) 42 Page - Analog Devices

Part # ADE7880
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADE7880 Datasheet HTML 38Page - Analog Devices ADE7880 Datasheet HTML 39Page - Analog Devices ADE7880 Datasheet HTML 40Page - Analog Devices ADE7880 Datasheet HTML 41Page - Analog Devices ADE7880 Datasheet HTML 42Page - Analog Devices ADE7880 Datasheet HTML 43Page - Analog Devices ADE7880 Datasheet HTML 44Page - Analog Devices ADE7880 Datasheet HTML 45Page - Analog Devices ADE7880 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 42 of 104
Voltage Channel RMS Calculation
Figure 69 shows the detail of the signal processing chain for the
rms calculation on one of the phases of the voltage channel. The
voltage channel rms value is processed from the samples used in
the voltage channel. The voltage rms values are signed 24-bit
values and they are stored into the Registers AVRMS, BVRMS,
and CVRMS. The update rate of the current rms measurement
is 8 kHz.
With the specified full-scale analog input signal of 0.5 V, the
ADC produces an output code that is approximately ±5,326,737.
The equivalent rms value of a full-scale sinusoidal signal is
3,766,572 (0x39792C), independent of the line frequency.
The accuracy of the voltage rms is typically 0.1% error from the
full-scale input down to 1/1000 of the full-scale input. Additionally,
this measurement has a bandwidth of 3.3 kHz. It is
recommended to read the rms registers synchronous to the
voltage zero crossings to ensure stability. The IRQ1 interrupt
can be used to indicate when a zero crossing has occurred (see
the
section).
Interrupts
The V rms measurement settling time is 580 ms for both 50 Hz
and 60 Hz input signals. The V rms measurement settling time
is the time it takes for the rms register to reflect the value at the
input to the voltage channel when starting from 0.
As stated in the Current Waveform Gain Registers section, the
serial ports of the ADE7880 work on 32-, 16-, or 8-bit words.
Similar to the register presented in Figure 57, the AVRMS,
BVRMS, and CVRMS 24-bit signed registers are accessed as
32-bit registers with the eight MSBs padded with 0s.
0xAEB86F =
–5,326,737
0x14791 =
+5,326,737
0V
VOLTAGE SIGNAL
FROM HPF
LPF
x2
27
xVRMSOS[23:0]
xVRMS[23:0]
Figure 69. Voltage RMS Signal Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com