Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880 Datasheet(PDF) 88 Page - Analog Devices

Part # ADE7880
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADE7880 Datasheet HTML 84Page - Analog Devices ADE7880 Datasheet HTML 85Page - Analog Devices ADE7880 Datasheet HTML 86Page - Analog Devices ADE7880 Datasheet HTML 87Page - Analog Devices ADE7880 Datasheet HTML 88Page - Analog Devices ADE7880 Datasheet HTML 89Page - Analog Devices ADE7880 Datasheet HTML 90Page - Analog Devices ADE7880 Datasheet HTML 91Page - Analog Devices ADE7880 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 88 of 104
Address
Register Name
R/W1
Bit
Length
Bit Length
During
Communication2
Type3
Default
Value4
Description
current harmonic Y relative to the
fundamental.
0xE898
HZVRMS
R
24
32
S
N/A
The rms value of the phase voltage
harmonic Z.
0xE899
HZIRMS
R
24
32
S
N/A
The rms value of the phase current
harmonic Z.
0xE89A
HZWATT
R
24
32
S
N/A
The active power of the harmonic Z.
0xE89B
HZVAR
R
24
32
S
N/A
The reactive power of the harmonic Z.
0xE89C
HZVA
R
24
32
S
N/A
The apparent power of the harmonic Z.
0xE89D
HZPF
R
24
32
S
N/A
The power factor of the harmonic Z.
0xE89E
HZVHD
R
24
32
S
N/A
Harmonic distortion of the phase
voltage harmonic Z relative to the
fundamental.
0xE89F
HZIHD
R
24
32
S
N/A
Harmonic distortion of the phase
current harmonic Z relative to the
fundamental.
0xE8A0 to
0xE8FF
Reserved
24
32
Reserved. These registers are always 0.
0xE900
HCONFIG
R/W
16
16
U
0x08
Harmonic Calculations Configuration
register. See Table 54.
0xE902
APF
R
16
16
U
N/A
Phase A power factor.
0xE903
BPF
R
16
16
U
N/A
Phase B power factor.
0xE904
CPF
R
16
16
U
N/A
Phase C power factor.
0xE905
APERIOD
R
16
16
U
N/A
Line period on Phase A voltage.
0xE906
BPERIOD
R
16
16
U
N/A
Line period on Phase B voltage.
0xE907
CPERIOD
R
16
16
U
N/A
Line period on Phase C voltage.
0xE908
APNOLOAD
R/W
16
16
U
0x0000
No load threshold in the total/
fundamental active power data paths.
0xE909
VARNOLOAD
R/W
16
16
U
0x0000
No load threshold in the total/
fundamental reactive power data path.
0xE90A
VANOLOAD
R/W
16
16
U
0x0000
No load threshold in the apparent
power data path.
0xE9FE
LAST_ADD
R
16
16
U
N/A
The address of the register successfully
accessed during the last read/write
operation.
0xE9FF
LAST_RWDATA16
R
16
16
U
N/A
Contains the data from the last successful
16-bit register communication.
0xEA00
CONFIG3
R/W
8
8
U
0x01
Configuration register. See Table 53.
0xEA01
LAST_OP
R
8
8
U
N/A
Indicates the type, read or write, of the
last successful read/write operation.
0xEA02
WTHR
R/W
8
8
U
0x03
Threshold used in phase total/
fundamental active power data path.
0xEA03
VARTHR
R/W
8
8
U
0x03
Threshold used in phase total/
fundamental reactive power data path.
0xEA04
VATHR
R/W
8
8
U
0x03
Threshold used in phase apparent
power data path.
0xEA05 to
0xEA07
Reserved
8
8
Reserved. These registers are always 0.
0xEA08
HX
R/W
8
8
U
3
Selects an index of the harmonic
monitored by the harmonic
computations.
0xEA09
HY
R/W
8
8
U
5
Selects an index of the harmonic
monitored by the harmonic
computations.
0xEA0A
HZ
R/W
8
8
U
7
Selects an index of the harmonic
monitored by the harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com