Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880 Datasheet(PDF) 99 Page - Analog Devices

Part # ADE7880
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880 Datasheet(HTML) 99 Page - Analog Devices

Back Button ADE7880 Datasheet HTML 95Page - Analog Devices ADE7880 Datasheet HTML 96Page - Analog Devices ADE7880 Datasheet HTML 97Page - Analog Devices ADE7880 Datasheet HTML 98Page - Analog Devices ADE7880 Datasheet HTML 99Page - Analog Devices ADE7880 Datasheet HTML 100Page - Analog Devices ADE7880 Datasheet HTML 101Page - Analog Devices ADE7880 Datasheet HTML 102Page - Analog Devices ADE7880 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 104 page
background image
Data Sheet
ADE7880
Rev. A| Page 99 of 104
Bit
Mnemonic
Default Value
Description
These bits decide what phase voltage is considered together with Phase C current in the
power path.
00 = Phase C voltage.
01 = Phase A voltage.
10 = Phase B voltage.
13:12
VTOIC[1:0]
00
11 = reserved. When set, the ADE7880 behaves like VTOIC[1:0] = 00.
15:14
Reserved
Reserved.
Table 48. MMODE Register (Address 0xE700)
Bit
Mnemonic
Default Value
Description
1:0
Reserved
Reserved.
2
PEAKSEL[0]
1
PEAKSEL[2:0] bits can all be set to 1 simultaneously to allow peak detection on all three
phases simultaneously. If more than one PEAKSEL[2:0] bits are set to 1, then the peak
measurement period indicated in the PEAKCYC register decreases accordingly because zero
crossings are detected on more than one phase.
When this bit is set to 1, Phase A is selected for the voltage and current peak registers.
3
PEAKSEL[1]
1
When this bit is set to 1, Phase B is selected for the voltage and current peak registers.
4
PEAKSEL[2]
1
When this bit is set to 1, Phase C is selected for the voltage and current peak registers.
7:5
Reserved
000
Reserved. These bits do not manage any functionality.
Table 49. ACCMODE Register (Address 0xE701)
Bit
Mnemonic
Default Value
Description
00: signed accumulation mode of the total and fundamental active powers. The total and
fundamental active energy registers and the CFx pulses are generated in the same way.
01: positive only accumulation mode of the total and fundamental active powers. In this
mode, although the total and fundamental active energy registers are accumulated in
positive only mode, the CFx pulses are generated in signed accumulation mode.
10: reserved. When set, the device behaves like WATTACC[1:0] = 00.
1:0
WATTACC[1:0]
00
11: absolute accumulation mode of the total and fundamental active powers. The total and
fundamental energy registers and the CFx pulses are generated in the same way.
00: signed accumulation of the fundamental reactive powers. The fundamental reactive
energy registers and the CFx pulses are generated in the same way.
01: reserved. When set, the device behaves like VARACC[1:0] = 00.
10: the fundamental reactive power is accumulated, depending on the sign of the
fundamental active power: if the active power is positive, the reactive power is accumulated
as is, whereas if the active power is negative, the reactive power is accumulated with reversed
sign. In this mode, although the total and fundamental reactive energy registers are
accumulated in absolute mode, the CFx pulses are generated in signed accumulation mode.
3:2
VARACC[1:0]
00
11: absolute accumulation mode of the fundamental reactive powers. In this mode,
although the total and fundamental reactive energy registers are accumulated in absolute
mode, the CFx pulses are generated in signed accumulation mode.
These bits select the inputs to the energy accumulation registers. IA’, IB’, and IC’ are IA, IB, and
IC shifted respectively by −90°. See Table 50.
00: 3-phase four wires with three voltage sensors.
01: 3-phase three wires delta connection. In this mode, BVRMS register contains the rms
value of VA-VC.
10: 3-phase four wires with two voltage sensors.
5:4
CONSEL[1:0]
00
11: 3-phase four wires delta connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com