Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880 Datasheet(PDF) 85 Page - Analog Devices

Part # ADE7880
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880 Datasheet(HTML) 85 Page - Analog Devices

Back Button ADE7880 Datasheet HTML 81Page - Analog Devices ADE7880 Datasheet HTML 82Page - Analog Devices ADE7880 Datasheet HTML 83Page - Analog Devices ADE7880 Datasheet HTML 84Page - Analog Devices ADE7880 Datasheet HTML 85Page - Analog Devices ADE7880 Datasheet HTML 86Page - Analog Devices ADE7880 Datasheet HTML 87Page - Analog Devices ADE7880 Datasheet HTML 88Page - Analog Devices ADE7880 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 85 of 104
Table 32. Billable Registers
Address
Register
Name
R/W1, 2
Bit
Length2
Bit Length
During
Communication2
Type2, 3
Default
Value
Description
0xE400
AWATTHR
R
32
32
S
0x00000000
Phase A total active energy accumulation.
0xE401
BWATTHR
R
32
32
S
0x00000000
Phase B total active energy accumulation.
0xE402
CWATTHR
R
32
32
S
0x00000000
Phase C total active energy accumulation.
0xE403
AFWATTHR
R
32
32
S
0x00000000
Phase A fundamental active energy
accumulation.
0xE404
BFWATTHR
R
32
32
S
0x00000000
Phase B fundamental active energy
accumulation.
0xE405
CFWATTHR
R
32
32
S
0x00000000
Phase C fundamental active energy
accumulation.
0xE406
to
0xE408
Reserved
R
32
32
S
0x00000000
0xE409
AFVARHR
R
32
32
S
0x00000000
Phase A fundamental reactive energy
accumulation.
0xE40A
BFVARHR
R
32
32
S
0x00000000
Phase B fundamental reactive energy
accumulation.
0xE40B
CFVARHR
R
32
32
S
0x00000000
Phase C fundamental reactive energy
accumulation.
0xE40C
AVAHR
R
32
32
S
0x00000000
Phase A apparent energy accumulation.
0xE40D
BVAHR
R
32
32
S
0x00000000
Phase B apparent energy accumulation.
0xE40E
CVAHR
R
32
32
S
0x00000000
Phase C apparent energy accumulation.
1 R is read, and W is write.
2 N/A is not applicable.
3 U is unsigned register, and S is signed register in twos complement format.
Table 33. Configuration and Power Quality Registers
Address
Register Name
R/W1
Bit
Length
Bit Length
During
Communication2
Type3
Default
Value4
Description
0xE500
IPEAK
R
32
32
U
N/A
Current peak register. See Figure 58 and
Table 34 for details about its
composition.
0xE501
VPEAK
R
32
32
U
N/A
Voltage peak register. See Figure 58 and
Table 35 for details about its
composition.
0xE502
STATUS0
R/W
32
32
U
N/A
Interrupt Status Register 0. See Table 36.
0xE503
STATUS1
R/W
32
32
U
N/A
Interrupt Status Register 1. See Table 37.
0xE504
AIMAV
R
20
32 ZP
U
N/A
Phase A current mean absolute value
computed during PSM0 and PSM1
modes.
0xE505
BIMAV
R
20
32 ZP
U
N/A
Phase B current mean absolute value
computed during PSM0 and PSM1
modes.
0xE506
CIMAV
R
20
32 ZP
U
N/A
Phase C current mean absolute value
computed during PSM0 and PSM1
modes.
0xE507
OILVL
R/W
24
32 ZP
U
0xFFFFFF
Overcurrent threshold.
0xE508
OVLVL
R/W
24
32 ZP
U
0xFFFFFF
Overvoltage threshold.
0xE509
SAGLVL
R/W
24
32 ZP
U
0x000000
Voltage SAG level threshold.
0xE50A
MASK0
R/W
32
32
U
0x00000000
Interrupt Enable Register 0. See Table 38.
0xE50B
MASK1
R/W
32
32
U
0x00000000
Interrupt Enable Register 1. See Table 39.
0xE50C
IAWV
R
24
32 SE
S
N/A
Instantaneous value of Phase A current.
0xE50D
IBWV
R
24
32 SE
S
N/A
Instantaneous value of Phase B current.
0xE50E
ICWV
R
24
32 SE
S
N/A
Instantaneous value of Phase C current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com