Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880 Datasheet(PDF) 74 Page - Analog Devices

Part # ADE7880
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADE7880 Datasheet HTML 70Page - Analog Devices ADE7880 Datasheet HTML 71Page - Analog Devices ADE7880 Datasheet HTML 72Page - Analog Devices ADE7880 Datasheet HTML 73Page - Analog Devices ADE7880 Datasheet HTML 74Page - Analog Devices ADE7880 Datasheet HTML 75Page - Analog Devices ADE7880 Datasheet HTML 76Page - Analog Devices ADE7880 Datasheet HTML 77Page - Analog Devices ADE7880 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 74 of 104
I2C-Compatible Interface
The ADE7880 supports a fully licensed I2C interface. The I2C
interface is implemented as a full hardware slave. SDA is the
data I/O pin, and SCL is the serial clock. These two pins are
shared with the MOSI and SCLK pins of the on-chip SPI
interface. The maximum serial clock frequency supported by this
interface is 400 kHz.
The two pins used for data transfer, SDA and SCL, are configured
in a wire-AND’ed format that allows arbitration in a multimaster
system.
The transfer sequence of an I2C system consists of a master device
initiating a transfer by generating a start condition while the bus
is idle. The master transmits the address of the slave device and
the direction of the data transfer in the initial address transfer. If
the slave acknowledges, the data transfer is initiated. This
continues until the master issues a stop condition, and the bus
becomes idle.
I2C Write Operation
The write operation using the I2C interface of the ADE7880
initiate when the master generates a start condition and consists
in one byte representing the address of the ADE7880 followed
by the 16-bit address of the target register and by the value of
the register.
The most significant seven bits of the address byte constitute
the address of the ADE7880 and they are equal to 0111000b.
Bit 0 of the address byte is a read/write bit. Because this is a
write operation, it has to be cleared to 0; therefore, the first byte
of the write operation is 0x70. After every byte is received, the
generates an acknowledge. As registers can have 8, 16,
or 32 bits, after the last bit of the register is transmitted and the
acknowledges the transfer, the master generates a
stop condition. The addresses and the register content are sent
with the most significant bit first. See
for details of
the I2C write operation.
ADE7880
ADE7880
Figure 100
ACK GENERATED
BY ADE7880
S
S
0
15
SLAVE ADDRESS
MOST SIGNIFICANT
8 BITS OF REGISTER
ADDRESS
LESS SIGNIFICANT
8 BITS OF REGISTER
ADDRESS
BYTE 3 (MOST
SIGNIFICANT)
OF REGISTER
BYTE 2 OF REGISTER
BYTE 1 OF REGISTER
BYTE 0 (LESS
SIGNIFICANT) OF
REGISTER
87
0
31
24
23
16
15
8
0
7
1 110 000
Figure 100. I2C Write Operation of a 32-Bit Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com