Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880 Datasheet(PDF) 100 Page - Analog Devices

Part # ADE7880
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880 Datasheet(HTML) 100 Page - Analog Devices

Back Button ADE7880 Datasheet HTML 96Page - Analog Devices ADE7880 Datasheet HTML 97Page - Analog Devices ADE7880 Datasheet HTML 98Page - Analog Devices ADE7880 Datasheet HTML 99Page - Analog Devices ADE7880 Datasheet HTML 100Page - Analog Devices ADE7880 Datasheet HTML 101Page - Analog Devices ADE7880 Datasheet HTML 102Page - Analog Devices ADE7880 Datasheet HTML 103Page - Analog Devices ADE7880 Datasheet HTML 104Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
ADE7880
Data Sheet
Rev. A| Page 100 of 104
Bit
Mnemonic
Default Value
Description
6
REVAPSEL
0
0: The total active power on each phase is used to trigger a bit in the STATUS0 register as
follows: on Phase A triggers Bit 6 (REVAPA), on Phase B triggers Bit 7 (REVAPB), and on
Phase C triggers Bit 8 (REVAPC).
1: The fundamental active power on each phase is used to trigger a bit in the STATUS0
register as follows: on Phase A triggers Bit 6 (REVAPA), on Phase B triggers Bit 7 (REVAPB),
and on Phase C triggers Bit 8 (REVAPC).
7
Reserved
1
Reserved. This bit does not manage any functionality.
Table 50. CONSEL[1:0] Bits in Energy Registers1
Energy Registers
CONSEL[1:0] = 00
CONSEL[1:0] = 01
CONSEL[1:0] = 10
CONSEL[1:0] = 11
AWATTHR, AFWATTHR
VA × IA
VA × IA
VA × IA
VA × IA
BWATTHR, BFWATTHR
VB × IB
VB = VA – VC
VB = −VA – VC
VB = −VA
VB ×IB1
VB × IB
VB × IB
CWATTHR, CFWATTHR
VC × IC
VC × IC
VC × IC
VC × IC
AVARHR, AFVARHR
VA × IA’
VA × IA’
VA × IA’
VA × IA’
BVARHR, BFVARHR
VB × IB’
VB = VA – VC
VB = −VA – VC
VB = −VA
VB × IB’1
VB × IB’
VB × IB’
CVARHR, CFVARHR
VC ×IC’
VC × IC’
VC × IC’
VC × IC’
AVAHR
VA rms × IA rms
VA rms × IA rms
VA rms × IA rms
VA rms × IA rms
BVAHR
VB rms × IB rms
VB rms × IB rms
VB rms × IB rms
VB rms × IB rms
VB = VA – VC1
CVAHR
VC rms × IC rms
VC rms × IC rms
VC rms × IC rms
VC rms × IC rms
1 In a 3-phase three wire case (CONSEL[1:0] = 01), the ADE7880 computes the rms value of the line voltage between Phase A and and Phase C and stores the result into
BVRMS register (see the Voltage RMS in 3-Phase Three Wire Delta Configurations section). Consequently, the ADE7880 computes powers associated with Phase B that
do not have physical meaning. To avoid any errors in the frequency output pins CF1, CF2 or CF3 related to the powers associated with Phase B, disable the
contribution of Phase B to the energy to frequency converters by setting bits TERMSEL1[1], or TERMSEL2[1], or TERMSEL3[1] to 0 in the COMPMODE register (see the
Energy-to-Frequency Conversion section).
Table 51. LCYCMODE Register (Address 0xE702)
Bit
Mnemonic
Default Value
Description
0
LWATT
0
0: the watt-hour accumulation registers (AWATTHR, BWATTHR, CWATTHR, AFWATTHR,
BFWATTHR, and CFWATTHR) are placed in regular accumulation mode.
1: the watt-hour accumulation registers (AWATTHR, BWATTHR, CWATTHR, AFWATTHR,
BFWATTHR, and CFWATTHR) are placed into line cycle accumulation mode.
1
LVAR
0
0: the var-hour accumulation registers (AFVARHR, BFVARHR, and CFVARHR) are placed in regular
accumulation mode.
1: the var-hour accumulation registers (AFVARHR, BFVARHR, and CFVARHR) are placed into line-
cycle accumulation mode.
2
LVA
0
0: the VA-hour accumulation registers (AVAHR, BVAHR, and CVAHR) are placed in regular
accumulation mode.
1: the VA-hour accumulation registers (AVAHR, BVAHR, and CVAHR) are placed into line-cycle
accumulation mode.
3
ZXSEL[0]
1
0: Phase A is not selected for zero-crossings counts in the line cycle accumulation mode.
1: Phase A is selected for zero-crossings counts in the line cycle accumulation mode. If more
than one phase is selected for zero-crossing detection, the accumulation time is shortened
accordingly.
4
ZXSEL[1]
1
0: Phase B is not selected for zero-crossings counts in the line cycle accumulation mode.
1: Phase B is selected for zero-crossings counts in the line cycle accumulation mode.
5
ZXSEL[2]
1
0: Phase C is not selected for zero-crossings counts in the line cycle accumulation mode.
1: Phase C is selected for zero-crossings counts in the line cycle accumulation mode.
6
RSTREAD
1
0: read-with-reset of all energy registers is disabled. Clear this bit to 0 when Bits[2:0] (LWATT,
LVAR, and LVA) are set to 1.
1: enables read-with-reset of all xWATTHR, xVARHR, xVAHR, xFWATTHR, and xFVARHR registers.
This means a read of those registers resets them to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com