Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880 Datasheet(PDF) 75 Page - Analog Devices

Part # ADE7880
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADE7880 Datasheet HTML 71Page - Analog Devices ADE7880 Datasheet HTML 72Page - Analog Devices ADE7880 Datasheet HTML 73Page - Analog Devices ADE7880 Datasheet HTML 74Page - Analog Devices ADE7880 Datasheet HTML 75Page - Analog Devices ADE7880 Datasheet HTML 76Page - Analog Devices ADE7880 Datasheet HTML 77Page - Analog Devices ADE7880 Datasheet HTML 78Page - Analog Devices ADE7880 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 75 of 104
I2C Read Operation
The read operation using the I2C interface of the ADE7880 is
accomplished in two stages. The first stage sets the pointer to
the address of the register. The second stage reads the content of
the register.
As seen in Figure 101, the first stage initiates when the master
generates a start condition and consists in one byte representing
the address of the ADE7880 followed by the 16-bit address of the
target register. The ADE7880 acknowledges every byte received.
The address byte is similar to the address byte of a write operation
and is equal to 0x70 (see the I2C Write Operation section for
details). After the last byte of the register address has been sent
and acknowledged by the ADE7880, the second stage begins
with the master generating a new start condition followed by an
address byte. The most significant seven bits of this address byte
constitute the address of the ADE7880, and they are equal to
0111000b. Bit 0 of the address byte is a read/write bit. Because this
is a read operation, it must be set to 1; thus, the first byte of the
read operation is 0x71. After this byte is received, the
generates an acknowledge. Then, the
sends the value
of the register, and after every eight bits are received, the master
generates an acknowledge. All the bytes are sent with the most
significant bit first. Because registers can have 8, 16, or 32 bits,
after the last bit of the register is received, the master does not
acknowledge the transfer but generates a stop condition.
ADE7880
ADE7880
ACK GENERATED
BY ADE7880
ACKNOWLEDGE
GENERATED BY
MASTER
S0
15
SLAVE ADDRESS
MOST SIGNIFICANT
8 BITS OF REGISTER
ADDRESS
LESS SIGNIFICANT
8 BITS OF REGISTER
ADDRESS
87
0
1110 000
S
S
0
SLAVE ADDRESS
BYTE 3
(MOST SIGNIFICANT)
OF REGISTER
BYTE 2 OF
REGISTER
BYTE 1 OF
REGISTER
BYTE 0
(LESS SIGNIFICANT)
OF REGISTER
31
24
23
16
15
8
0
7
111000 1
ACK GENERATED
BY ADE7880
Figure 101. I2C Read Operation of a 32-Bit Register
ACK GENERATED
BY ADE7880
ACKNOWLEDGE
GENERATED BY
MASTER
S0
15
SLAVE ADDRESS
MOST SIGNIFICANT
8 BITS OF REGISTER
ADDRESS
LESS SIGNIFICANT
8 BITS OF REGISTER
ADDRESS
87
0
111 0000
BYTE 3
(MOST SIGNIFICANT)
OF REGISTER 0
BYTE 0
(LESS SIGNIFICANT)
OF REGISTER 0
BYTE 3
(MOST SIGNIFICANT)
OF REGISTER 1
BYTE 0
(LESS SIGNIFICANT)
OF REGISTER n
S 011 1000
SLAVE ADDRESS
S
31
24
1
70
31
24
70
ACK GENERATED
BY ADE7880
Figure 102. I2C Read Operation of n 32-Bit Harmonic Calculations Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com