Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880 Datasheet(PDF) 64 Page - Analog Devices

Part # ADE7880
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADE7880 Datasheet HTML 60Page - Analog Devices ADE7880 Datasheet HTML 61Page - Analog Devices ADE7880 Datasheet HTML 62Page - Analog Devices ADE7880 Datasheet HTML 63Page - Analog Devices ADE7880 Datasheet HTML 64Page - Analog Devices ADE7880 Datasheet HTML 65Page - Analog Devices ADE7880 Datasheet HTML 66Page - Analog Devices ADE7880 Datasheet HTML 67Page - Analog Devices ADE7880 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 64 of 104
d approach, enabled when Bit 0 (HRCFG) of
ns are
to 750 ms, the settling time of the harmonic calculations. Other
possible values are 500 ms (HSTIME = 00), 1 sec (10) and 1250
ms (11).
The secon
HCONFIG register is set to 1, sets Bit 19 (HREADY) in
STATUS0 register to 1 every time the harmonic calculatio
updated at the update frequency determined by HRATE bits
without waiting for the harmonic calculations to settle. This
allows an external microcontroller to access the harmonic
calculations immediately after they have been started. If the
corresponding mask bit in the MASK0 interrupt mask register
is enabled, the IRQ pin also goes active low. The status bit is
cleared and the pin IRQ is set to high again by writing to the
STATUS0 register with the corresponding bit set to 1.
Additionally, the ADE7880 provides a periodical output signal
c
y
ADY
er
s
e registers in which
e
ng Harmonic
ded approach to managing the ADE7880
IG register. Set the
s
d by setting HX, HY
register bits.
harmonic
formation is
WA
d voltage waveform,
called HREADY at the CF2/HREADY pin synchronous to the
moment the harmonic calculations are updated in the harmoni
registers. This functionality is chosen if Bit 2 (CF2DIS) is set to
1 in the CONFIG register. If CF2DIS is set to 0 (default value),
the CF2 energy to frequency converter output is provided at
CF2/HREADY pin. The default state of this signal is high. Ever
time the harmonic registers are updated based on HRATE bits
in HCONFIG register, the signal HREADY goes low for
approximately 10 μsec and then goes back high. If Bit 0
(HRCFG) in the HCONFIG register is 0, that is the HRE
bit in the STATUS1 register is set to 1 every HRATE period
right after the harmonic calculations have started, the signal
HREADY toggles high, low and back synchronously. If the
HRCFG bit is 1, that is, Bit HREADY in the STATUS1 regist
is set to 1 after the HSTIME period, the HREADY signal toggle
high, low and back synchronously. The HREADY signal allows
fast access to the harmonic registers without having to use
HREADY interrupt in MASK1 register.
In order to facilitate the fast reading of th
the harmonic calculations are stored, a special burst registers
reading has been implemented in the serial interfaces. See the
I2C Read Operation of Harmonic Calculations Registers and th
SPI Read Operation sections for details.
Recommended Approach to Managi
Calculations
The recommen
harmonic calculations is the following:
Set up Bit 2 (CF2DIS) in the CONF
CF2DIS bit to 1 to use the CF2/HREADY pin to signal
when the harmonic calculations have settled and are
updated. The high to low transition of HREADY signal
indicates when to read the harmonic registers. Use the
burst reading mode to read the harmonic registers as it i
the most efficient way to read them.
Choose the harmonics to be monitore
and HZ appropriately.
Select all the HCONFIG
Initialize the gain registers used in the
calculations. Leave the offset registers to 0.
Read the registers in which the harmonic in
stored using the burst or regular reading mode at high to
low transitions of CF2/HREADY pin.
VEFORM SAMPLING MODE
The waveform samples of the current an
the active, reactive, and apparent power outputs are stored
every 125 μs (8 kHz rate) into 24-bit signed registers that can be
accessed through various serial ports of the ADE7880. Table 22
provides a list of registers and their descriptions.
Table 22. Waveform Registers List
Register
Description
IAWV
Phase A current
VAWV
Phase A voltage
IBWV
Phase B current
VBWV
Phase B voltage
ICWV
Phase C current
VCWV
Phase C voltage
INWV
Neutral current
AVA
Phase A apparent power
BVA
Phase B apparent power
CVA
Phase C apparent power
AWATT
Phase A active power
BWATT
Phase B active power
CWATT
Phase C active power
Bit 17 (DREADY) i
can be used to
g
ntains a high speed data capture (HSDC) port
in the Current Waveform Gain Registers section, the
ERSION
: CF1, CF2,
n
y
n the STATUS0 register
signal when the registers listed in Table 22 can be read usin
I2C or SPI serial ports. An interrupt attached to the flag can be
enabled by setting Bit 17 (DREADY) in the MASK0 register. (see
the Digital Signal Processor section for more details on
Bit DREADY).
The ADE7880 co
that is specially designed to provide fast access to the waveform
sample registers. Read the HSDC Interface section for more
details.
As stated
serial ports of the ADE7880 work on 32-, 16-, or 8-bit words.
All registers listed in Table 22 are transmitted signed extended
from 24 bits to 32 bits (see Figure 44).
ENERGY-TO-FREQUENCY CONV
The ADE7880 provides three frequency output pins
and CF3. The CF2 pin is multiplexed with the HREADY pin of
the harmonic calculations block. When HREADY is enabled,
the CF2 functionality is disabled at the pin. The CF3 pin is
multiplexed with the HSCLK pin of the HSDC interface. Whe
HSDC is enabled, the CF3 functionality is disabled at the pin.
CF1 pin is always available. After initial calibration at manu-
facturing, the manufacturer or end customer verifies the energ
meter calibration. One convenient way to verify the meter
calibration is to provide an output frequency proportional to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com