Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880 Datasheet(PDF) 78 Page - Analog Devices

Part # ADE7880
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADE7880 Datasheet HTML 74Page - Analog Devices ADE7880 Datasheet HTML 75Page - Analog Devices ADE7880 Datasheet HTML 76Page - Analog Devices ADE7880 Datasheet HTML 77Page - Analog Devices ADE7880 Datasheet HTML 78Page - Analog Devices ADE7880 Datasheet HTML 79Page - Analog Devices ADE7880 Datasheet HTML 80Page - Analog Devices ADE7880 Datasheet HTML 81Page - Analog Devices ADE7880 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 78 of 104
0
15 14
SCLK
MOSI
10 31 30
1 0
0
0
0
000 0
REGISTER ADDRESS
REGISTER VALUE
SS
Figure 106. SPI Write Operation of a 32-Bit Register
HSDC Interface
The high speed data capture (HSDC) interface is disabled after
default. It can be used only if the ADE7880 is configured with an
I2C interface. The SPI interface of ADE7880 cannot be used at
the same time with HSDC.
Bit 6 (HSDCEN) in the CONFIG register activates HSDC when
set to 1. If Bit HSDCEN is cleared to 0, the default value, the
HSDC interface is disabled. Setting Bit HSDCEN to 1 when SPI
is in use does not have any effect. HSDC is an interface for
sending to an external device (usually a microprocessor or a
DSP) up to sixteen 32-bit words. The words represent the
instantaneous values of the phase currents and voltages, neutral
current, and active, reactive, and apparent powers. The registers
being transmitted include IAWV, VAWV, IBWV, VBWV, ICWV,
VCWV, AVA, INWV, BVA, CVA, AWATT, BWATT, CWATT,
AFVAR, BFVAR, and CFVAR. All are 24-bit registers that are
sign extended to 32-bits (see Figure 44 for details).
HSDC can be interfaced with SPI or similar interfaces. HSDC is
always a master of the communication and consists of three
pins: HSA, HSD, and HSCLK. HSA represents the select signal.
It stays active low or high when a word is transmitted and it is
usually connected to the select pin of the slave. HSD sends data
to the slave and it is usually connected to the data input pin of
the slave. HSCLK is the serial clock line that is generated by the
ADE7880 and it is usually connected to the serial clock input of
the slave. Figure 107 shows the connections between the
ADE7880 HSDC and slave devices containing an SPI interface.
ADE7880
HSD
MISO
HSCLK
SCK
HSA
SS
SPI DEVICE
Figure 107. Connecting the ADE7880 HSDC with an SPI
The HSDC communication is managed by the HSDC_CFG
register (see Table 52). It is recommended to set the HSDC_CFG
register to the desired value before enabling the port using Bit 6
(HSDCEN) in the CONFIG register. In this way, the state of
various pins belonging to the HSDC port do not take levels incon-
sistent with the desired HSDC behavior. After a hardware reset
or after power-up, the MISO/HSD and SS/HSA pins are set high.
Bit 0 (HCLK) in the HSDC_CFG register determines the serial
clock frequency of the HSDC communication. When HCLK is
0 (the default value), the clock frequency is 8 MHz. When HCLK
is 1, the clock frequency is 4 MHz. A bit of data is transmitted
for every HSCLK high-to-low transition. The slave device that
receives data from HSDC samples the HSD line on the low-to-
high transition of HSCLK.
The words can be transmitted as 32-bit packages or as 8-bit
packages. When Bit 1 (HSIZE) in the HSDC_CFG register is 0 (the
default value), the words are transmitted as 32-bit packages. When
Bit HSIZE is 1, the registers are transmitted as 8-bit packages. The
HSDC interface transmits the words MSB first.
Bit 2 (HGAP) introduces a gap of seven HSCLK cycles between
packages when Bit 2 (HGAP) is set to 1. When Bit HGAP is
cleared to 0 (the default value), no gap is introduced between
packages and the communication time is shortest. In this case,
HSIZE does not have any influence on the communication and
a data bit is placed on the HSD line with every HSCLK high-to-
low transition.
Bits[4:3] (HXFER[1:0]) decide how many words are transmitted.
When HXFER[1:0] is 00, the default value, then all 16 words are
transmitted. When HXFER[1:0] is 01, only the words representing
the instantaneous values of phase and neutral currents and phase
voltages are transmitted in the following order: IAWV, VAWV,
IBWV, VBWV, ICWV, VCWV, and one 32-bit word that is always
equal to INWV. When HXFER[1:0] is 10, only the instantaneous
values of phase powers are transmitted in the following order:
AVA, BVA, CVA, AWATT, BWATT, CWATT, AFVAR, BFVAR,
and CFVAR. The value, 11, for HXFER[1:0] is reserved and
writing it is equivalent to writing 00, the default value.
Bit 5 (HSAPOL) determines the polarity of HSA function of the
SS/HSA pin during communication. When HSAPOL is 0 (the
default value), HSA is active low during the communication.
This means that HSA stays high when no communication is in
progress. When a communication is executed, HSA is low when
the 32-bit or 8-bit packages are transferred, and it is high during
the gaps. When HSAPOL is 1, the HSA function of the SS/HSA
pin is active high during the communication. This means that
HSA stays low when no communication is in progress. When a
communication is executed, HSA is high when the 32-bit or
8-bit packages are transferred, and it is low during the gaps.
Bits[7:6] of the HSDC_CFG register are reserved. Any value
written into these bits does not have any consequence on HSDC
behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com