Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880 Datasheet(PDF) 80 Page - Analog Devices

Part # ADE7880
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADE7880 Datasheet HTML 76Page - Analog Devices ADE7880 Datasheet HTML 77Page - Analog Devices ADE7880 Datasheet HTML 78Page - Analog Devices ADE7880 Datasheet HTML 79Page - Analog Devices ADE7880 Datasheet HTML 80Page - Analog Devices ADE7880 Datasheet HTML 81Page - Analog Devices ADE7880 Datasheet HTML 82Page - Analog Devices ADE7880 Datasheet HTML 83Page - Analog Devices ADE7880 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 104 page
background image
ADE7880
Data Sheet
Rev. A | Page 80 of 104
HSCLK
HSDATA
HSA
IAVW (32-BIT)
31
0
VAWV (32-BIT)
31
0
IBWV (32-BIT)
31
0
CFVAR (32-BIT)
31
0
7 HCLK
CYCLES
7 HCLK
CYCLES
Figure 109. HSDC Communication for HSIZE = 0, HGAP = 1, HXFER[1:0] = 00, and HSAPOL = 0
HSCLK
HSDATA
HSA
IAVW (BYTE 3)
31
24
IAVW (BYTE 2)
23
16
IAVW (BYTE 1)
15
8
CFVAR (BYTE 0)
70
7 HCLK
CYCLES
7 HCLK
CYCLES
Figure 110. HSDC Communication for HSIZE = 1, HGAP = 1, HXFER[1:0] = 00, and HSAPOL = 0
ADE7880 QUICK SETUP AS ENERGY METER
An energy meter is usually characterized by the nominal
current In, nominal voltage Vn, nominal frequency fn, and the
meter constant MC.
To quickly set up the ADE7880, execute the following steps:
1.
Select the PGA gains in the phase currents, voltages and
neutral current channels: Bits[2:0] (PGA1), Bits[5:3]
(PGA2) and Bits[8:6] (PGA3) in the Gain register.
2.
If Rogowski coils are used, enable the digital integrators in
the phase or neutral currents channels: Bit 0 (INTEN) in
CONFIG register and Bit 3 (ININTEN) in CONFIG3
register.
3.
If fn = 60 Hz, set Bit 14 (SELFREQ) to 1 in the
COMPMODE register.
4.
Initialize CF1DEN, CF2DEN, and CF3DEN registers based
in Equation 49.
5.
Initialize WTHR, VARTHR, VATHR, VLEVEL and
VNOM registers based Equation 26, Equation 37, Equation
44, Equation 22, and Equation 42, respectively.
6.
Enable the data memory RAM protection, by writing
0xAD to an internal 8-bit register located at Address
0xE7FE, followed by a write of 0x80 to an internal 8-bit
register located at Address 0xE7E3.
7.
Start the DSP by setting Run = 1.
For a quick setup of the ADE7880 harmonic calculations,
see the Recommended Approach to Managing Harmonic
Calculations section.
ADE7880 EVALUATION BOARD
An evaluation board built upon the ADE7880 configuration
is available. Visit www.analog.com/ADE7880 for details.
DIE VERSION
The register named version identifies the version of the die.
It is an 8-bit, read-only register located at Address 0xE707.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com