Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880 Datasheet(PDF) 73 Page - Analog Devices

Part # ADE7880
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADE7880 Datasheet HTML 69Page - Analog Devices ADE7880 Datasheet HTML 70Page - Analog Devices ADE7880 Datasheet HTML 71Page - Analog Devices ADE7880 Datasheet HTML 72Page - Analog Devices ADE7880 Datasheet HTML 73Page - Analog Devices ADE7880 Datasheet HTML 74Page - Analog Devices ADE7880 Datasheet HTML 75Page - Analog Devices ADE7880 Datasheet HTML 76Page - Analog Devices ADE7880 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 104 page
background image
Data Sheet
ADE7880
Rev. A | Page 73 of 104
JUMP
TO ISR
GLOBAL
INTERRUPT
MASK
CLEAR MCU
INTERRUPT
FLAG
READ
STATUSx
JUMP
TO ISR
WRITE
BACK
STATUSx
ISR ACTION
(BASED ON STATUSx CONTENTS)
ISR RETURN
GLOBAL INTERRUPT
MASK RESET
MCU
INTERRUPT
FLAG SET
PROGRAM
SEQUENCE
t2
t1
t3
IRQx
Figure 98. Interrupt Management
PROGRAM
SEQUENCE
IRQx
JUMP
TO ISR
GLOBAL
INTERRUPT
MASK
CLEAR MCU
INTERRUPT
FLAG
READ
STATUSx
READ
PHx
JUMP
TO ISR
WRITE
BACK
STATUSx
ISR ACTION
(BASED ON STATUSx CONTENTS)
ISR RETURN
GLOBAL INTERRUPT
MASK RESET
MCU
INTERRUPT
FLAG SET
t2
t1
t3
Figure 99. Interrupt Management when PHSTATUS, IPEAK, VPEAK, or PHSIGN Registers are Involved
SERIAL INTERFACES
The ADE7880 has three serial port interfaces: one fully licensed
I2C interface, one serial peripheral interface (SPI), and one high
speed data capture port (HSDC). As the SPI pins are multiplexed
with some of the pins of the I2C and HSDC ports, the ADE7880
accepts two configurations: one using the SPI port only and one
using the I2C port in conjunction with the HSDC port.
Serial Interface Choice
After reset, the HSDC port is always disabled. Choose between
the I2C and SPI ports by manipulating the SS/has pin after
power-up or after a hardware reset. If the SS/HSA pin is kept
high, then the
uses the I2C port until a new hardware
reset is executed. If the
ADE7880
SS/HSA pin is toggled high to low three
times after power-up or after a hardware reset, the
uses the SPI port until a new hardware reset is executed. This
manipulation of the
ADE7880
SS/HSA pin can be accomplished in two
ways. First, use the SS/HSA pin of the master device (that is, the
microcontroller) as a regular I/O pin and toggle it three times.
Second, execute three SPI write operations to a location in the
address space that is not allocated to a specific
register
(for example 0xEBFF, where eight bit writes can be executed).
These writes allow the
ADE7880
SS/HSA pin to toggle three times. See the
section for details on the write protocol
involved.
SPI Write Operation
After the serial port choice is completed, it needs to be locked.
Consequently, the active port remains in use until a hardware
reset is executed in PSM0 normal mode or until a power-down.
If I2C is the active serial port, Bit 1 (I2C_LOCK) of the CONFIG2
register must be set to 1 to lock it in. From this moment, the
ADE7880 ignores spurious toggling of the SS pin and an eventual
switch into using the SPI port is no longer possible. If the SPI is
the active serial port, any write to the CONFIG2 register locks
the port. From this moment, a switch into using the I2C port is
no longer possible. Once locked, the serial port choice is
maintained when the
changes PSMx power modes.
ADE7880
The functionality of the ADE7880 is accessible via several on-
chip registers. The contents of these registers can be updated or
read using either the I2C or SPI interfaces. The HSDC port
provides the state of up to 16 registers representing instantaneous
values of phase voltages and neutral currents, and active, reactive,
and apparent powers.
Communication Verification
The ADE7880 includes a set of three registers that allow any
communication via I2C or SPI to be verified. The LAST_OP
(Address 0xEA01), LAST_ADD (Address 0xE9FE) and
LAST_RWDATA registers record the nature, address and data
of the last successful communication respectively. The
LAST_RWDATA register has three separate addresses
depending on the length of the successful communication.
Table 24. LAST_RWDATA
Register Locations
Communication type
Address
8-Bit Read/Write
0xE7FD
16-Bit Read/Write
0xE9FF
24-Bit Read/Write
0xE5FF
After each successful communication with the ADE7880, the
address of the register that was last accessed is stored in the
16-bit LAST_ADD register (Address 0xE9FE). This is a read
only register that stores the value until the next successful read
or write is complete. The LAST_OP register (Address 0xEA01)
stores the nature of the operation. That is, it indicates whether a
read or a write was performed. If the last operation is a write,
the LAST_OP register stores the value 0xCA. If the last
operation is a read, the LAST_OP register stores the value 0x35.
The LAST_RWDATA register stores the data that was written
or read from the register. Any unsuccessful read or write
operation is not reflected in these registers.
When LAST_OP, LAST_ADD and LAST_RWDATA registers
are read, their values are not stored into themselves.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com