Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7880 Datasheet(PDF) 103 Page - Analog Devices

Part # ADE7880
Description  Polyphase Multifunction Energy Metering IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7880 Datasheet(HTML) 103 Page - Analog Devices

Back Button ADE7880 Datasheet HTML 96Page - Analog Devices ADE7880 Datasheet HTML 97Page - Analog Devices ADE7880 Datasheet HTML 98Page - Analog Devices ADE7880 Datasheet HTML 99Page - Analog Devices ADE7880 Datasheet HTML 100Page - Analog Devices ADE7880 Datasheet HTML 101Page - Analog Devices ADE7880 Datasheet HTML 102Page - Analog Devices ADE7880 Datasheet HTML 103Page - Analog Devices ADE7880 Datasheet HTML 104Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 103 / 104 page
background image
Data Sheet
ADE7880
Rev. A| Page 103 of 104
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
EXPOSED
PAD
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.23
0.18
6.10
6.00 SQ
5.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.45
0.40
0.35
0.25 MIN
4.45
4.30 SQ
4.25
COMPLIANT TO JEDEC STANDARDS MO-220-WJJD.
40
1
11
20
21
30
31
10
Figure 111. 40-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
6 mm × 6 mm Body, Very Very Thin Quad
(CP-40-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADE7880ACPZ
−40°C to +85°C
40-Lead LFCSP_WQ
CP-40-10
ADE7880ACPZ-RL
−40°C to +85°C
40-Lead LFCSP_WQ, 13”Tape and Reel
CP-40-10
EVAL-ADE7880EBZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com