Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046ACPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP1046ACPZ-R7
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046ACPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP1046ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 36 of 96
LAYOUT GUIDELINES
This section explains best practices that should be followed
to ensure optimal performance of the ADP1046. In general,
all components should be placed as close to the ADP1046 as
possible. All signals should be referenced to their respective
grounds.
CS2+ AND CS2−
The routing of the traces from the sense resistor to the ADP1046
should be laid out in parallel to each other. The traces should
also be kept close together and as far from the switch nodes as
possible.
VS3+ AND VS3−
The routing of the traces from the remote voltage sense point
to the ADP1046 should be laid out in parallel to each other.
The traces should also be kept close together and as far from
the switch nodes as possible. Place a 100 nF capacitor from VS3−
to AGND to reduce common-mode noise.
VDD
Place decoupling capacitors as close to the part as possible.
A 4.7 μF capacitor from VDD to AGND is recommended.
SDA AND SCL
The routing of the traces should be laid out in parallel to each
other. The traces should also be kept close together and as far
from the switch nodes as possible.
CS1
Run the traces from the current sense transformer to the
ADP1046 in parallel to each other. The traces should also be
kept close together and as far from the switch nodes as possible.
EXPOSED PAD
The exposed pad underneath the ADP1046 should be soldered
to the PCB AGND plane.
VCORE
Place a 330 nF decoupling capacitor from this pin to DGND as
close to the part as possible.
RES
Place a 10 kΩ, ±0.1% resistor from this pin to AGND as close to
the part as possible.
RTD
Route a single trace to the ADP1046 from the thermistor using
a dedicated trace to AGND. Place the thermistor close to the
hottest part of the power supply.
AGND, DGND, AND PGND
Create an AGND ground plane and make a single-point (star)
connection to the power supply system ground. Connect DGND
to AGND with a very short trace using a star connection.
Connect PGND to AGND using a star connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com