Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046ACPZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADP1046ACPZ-R7
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046ACPZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADP1046ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 96 page
background image
ADP1046
Data Sheet
Rev. 0 | Page 64 of 96
PWM AND SYNCHRONOUS RECTIFIER TIMING REGISTERS
Figure 56 and Table 63 to Table 93 describe the implementation and programming of the seven PWM signals that are output from the
ADP1046. In general, it is recommended that t1 be set to 0 and that t1 be set as the reference point for the other signals.
tPERIOD
tPERIOD
t14
t11
t13
t12
t9
t10
t7
t8
t6
t1
t5
t3
t4
t2
PWM5 (OUTAUX)
SYNC RECT 2 (SR2)
SYNC RECT 1 (SR1)
PWM4 (OUTD)
PWM3 (OUTC)
PWM2 (OUTB)
PWM1 (OUTA)
Figure 56. PWM Timing Diagram
Table 63. Register 0x3F—OUTAUX Switching Frequency Setting
Bits
Bit Name
R/W
Description
7
Pulse skipping
R/W
Setting this bit enables pulse skipping mode. If the ADP1046 requires a duty cycle lower than
the modulation low limit, pulse skipping is enabled.
6
Pulse skipping zero
PWM
R/W
0 = pulse skipping drives all modulated PWM outputs to 0 V.
1 = sets all modulated edges to t = 0 (the crossing rule set in Register 0x52[0] applies).
[5:0]
Switching frequency
R/W
This register sets the switching frequency of the OUTAUX signal.
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Frequency (kHz)
0
0
0
0
0
0
48.83
0
0
0
0
0
1
50.40
0
0
0
0
1
0
52.08
0
0
0
0
1
1
53.88
0
0
0
1
0
0
55.80
0
0
0
1
0
1
57.87
0
0
0
1
1
0
60.1
0
0
0
1
1
1
62.5
0
0
1
0
0
0
65.1
0
0
1
0
0
1
67.93
0
0
1
0
1
0
71.02
0
0
1
0
1
1
74.4
0
0
1
1
0
0
78.13
0
0
1
1
0
1
82.24
0
0
1
1
1
0
86.81
0
0
1
1
1
1
91.91
0
1
0
0
0
0
97.66
0
1
0
0
0
1
100.81
0
1
0
0
1
0
104.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com