Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1046ACPZ-R7 Datasheet(PDF) 91 Page - Analog Devices

Part # ADP1046ACPZ-R7
Description  Digital Controller for Isolated
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046ACPZ-R7 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADP1046ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 93Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 94Page - Analog Devices ADP1046ACPZ-R7 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 96 page
background image
Data Sheet
ADP1046
Rev. 0 | Page 91 of 96
Table 162. Register 0x49—OUTC Rising Edge Dead Time in Resonant Mode
Bits
Bit Name
R/W
Description
[7:0]
Δt5 (rising edge dead
time of OUTC)
R/W
This register sets Δt5, which is the difference between the rising edge of OUTC and the mid-
point of the switching cycle, tB. Each LSB corresponds to 5 ns of resolution. When the register
value is from 0x00 to 0x7F, the rising edge of OUTC is trailing tB. When the value is from 0x80
to 0xFF, the rising edge of OUTC is leading tB.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt5
0
0
0
0
0
0
0
0
0 ns
0
0
0
0
0
0
0
1
5 ns trailing
…
…
…
…
…
…
…
…
…
0
1
1
1
1
1
1
1
635 ns trailing
1
0
0
0
0
0
0
0
640 ns leading
…
…
…
…
…
…
…
…
…
1
1
1
1
1
1
1
1
5 ns leading
Table 163. Register 0x4A—Burst Mode Operation in Resonant Mode
Bits
Bit Name
R/W
Description
[7:6]
Burst mode enable
R/W
These bits are used to enable or disable burst mode operation.
Bit 7
Bit 6
Burst Mode
0
0
Disabled
0
1
Enabled for normal operation, but disabled during soft start
1
0
Disabled
1
1
Enabled for normal operation and during soft start
[5:0]
Burst mode offset
R/W
These bits, along with the highest switching frequency limit, determine the threshold value for
enabling burst mode operation. For information about how to set this value, see the Light Load
Operation (Burst Mode) section. During burst mode, the PWM frequency is the maximum
frequency limit set in Register 0x46.
Table 164. Register 0x4B—OUTC Falling Edge Dead Time in Resonant Mode
Bits
Bit Name
R/W
Description
[7:0]
Δt6 (falling edge dead
time of OUTC)
R/W
This register sets Δt6, which is the leading time of the falling edge of OUTC from the end of the
switching cycle, tC. Each LSB corresponds to 5 ns of resolution.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt6 (ns)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
5
…
…
…
…
…
…
…
…
…
1
1
1
1
1
1
1
1
1275
Table 165. Register 0x4D—OUTD Rising Edge Dead Time in Resonant Mode
Bits
Bit Name
R/W
Description
[7:0]
Δt7 (rising edge dead
time of OUTD)
R/W
This register sets Δt7, which is the difference between the rising edge of OUTD and the mid-
point of the switching cycle, tB. Each LSB corresponds to 5 ns of resolution. When the register
value is from 0x00 to 0x7F, the rising edge of OUTD is trailing tB. When the value is from 0x80
to 0xFF, the rising edge of OUTD is leading tB.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt7
0
0
0
0
0
0
0
0
0 ns
0
0
0
0
0
0
0
1
5 ns trailing
…
…
…
…
…
…
…
…
…
0
1
1
1
1
1
1
1
635 ns trailing
1
0
0
0
0
0
0
0
640 ns leading
…
…
…
…
…
…
…
…
…
1
1
1
1
1
1
1
1
5 ns leading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com